Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-813UO6C Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-813UO6C
Description  8 mm Round LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-813UO6C Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-813UO6C Datasheet HTML 1Page - A-BRIGHT Inc AL-813UO6C Datasheet HTML 2Page - A-BRIGHT Inc AL-813UO6C Datasheet HTML 3Page - A-BRIGHT Inc AL-813UO6C Datasheet HTML 4Page - A-BRIGHT Inc AL-813UO6C Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-813UO6C
Diff No.
8 mm
Round
Type : LED Lamps
2009/2/25
2
Chip
PART NO.
Material
Emitted Color
Lens Color
AL-813UO6C
AlGaInP
Super Amber
Water Clear
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
50
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +85
Soldering Temperature
Tsol
260 ±5
Electrostatic Discharge
ESD
1000
V
Power Dissipation
PD
100
mW
Peak Forward Current
(Duty 1/10@1KHz)
IF (Peak)
160
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics︰
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
2500
4000
mcd
IF=20mA
Viewing Angle
2θ1/2
30
deg
IF=20mA
Peak Wavelength
λ
p
610
nm
IF=20mA
Dominant Wavelength
λ
d
605
nm
IF=20mA
Spectrum Radiation Bandwidth
△λ
20
nm
IF=20mA
Forward Voltage
VF
2.0
2.4
V
IF=20mA
Reverse Current
IR
10
μA
VR=5V


Similar Part No. - AL-813UO6C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-813UO5C A-BRIGHT-AL-813UO5C Datasheet
312Kb / 5P
   8 mm Round LED Lamps
2006/9/27
AL-813UO5C A-BRIGHT-AL-813UO5C Datasheet
312Kb / 5P
   8mm Round LED Lamps
2008/3/19
AL-813UO5C A-BRIGHT-AL-813UO5C_08 Datasheet
312Kb / 5P
   8mm Round LED Lamps
2008/3/19
More results

Similar Description - AL-813UO6C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-813BG1C A-BRIGHT-AL-813BG1C Datasheet
311Kb / 5P
   8 mm Round LED Lamps
2006/9/27
AL-813UG4C A-BRIGHT-AL-813UG4C Datasheet
303Kb / 5P
   8 mm Round LED Lamps
2006/9/27
AL-813YD A-BRIGHT-AL-813YD Datasheet
311Kb / 5P
   8 mm Round LED Lamps
2006/9/26
AL-813HD A-BRIGHT-AL-813HD Datasheet
310Kb / 5P
   8 mm Round LED Lamps
2006/9/26
AL-813OR6C A-BRIGHT-AL-813OR6C Datasheet
311Kb / 5P
   8 mm Round LED Lamps
2006/9/27
AL-813TRC A-BRIGHT-AL-813TRC_09 Datasheet
238Kb / 5P
   8 mm Round LED Lamps
2009/2/25
AL-813W6C A-BRIGHT-AL-813W6C Datasheet
228Kb / 6P
   8 mm Round LED Lamps
2009/2/25
AL-813ID A-BRIGHT-AL-813ID Datasheet
310Kb / 5P
   8 mm Round LED Lamps
2006/9/26
AL-813IR-85030C2 A-BRIGHT-AL-813IR-85030C2 Datasheet
314Kb / 5P
   8 mm Round LED Lamps
2006/9/28
AL-813B4C A-BRIGHT-AL-813B4C Datasheet
311Kb / 5P
   8 mm Round LED Lamps
2006/9/27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com