Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HUB35A Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-HUB35A
Description  0805 Package Red SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HUB35A Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-HUB35A_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-HUB35A_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-HUB35A_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-HUB35A_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-HUB35A_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HUB35A
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Test
Condition Symbol MIN. TYP. MAX.
Unit
Viewing angle at 50% IV
IF=20mA
2θ1/2
130
Deg
Forward voltage
IF=20mA
VF
1.8 2.0 2.6
V
Luminous intensity
IF=20mA
IV
− 65 −
mcd
Dominant Wavelength
IF=20mA
λ
d
− 630 −
nm
Peak Emission Wavelength
IF=20mA
λ
p
− 625 −
nm
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
30
mA
Reverse voltage
VR
5
V
Reverse current
IR
10
μA
Power Dissipation
PD
62
mW
Operating temperature range
Top
-30 ~+80
Storage temperature range
Tstg
-40 ~+90


Similar Part No. - AL-HUB35A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HUB35A A-BRIGHT-AL-HUB35A Datasheet
344Kb / 5P
   Super Red SMD Chip LED Lamps (1.0mm Height)
2007/3/14
More results

Similar Description - AL-HUB35A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HW435A A-BRIGHT-AL-HW435A_09 Datasheet
206Kb / 5P
   0805 Package White SMD Chip LED Lamps
AL-HKB35A A-BRIGHT-AL-HKB35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow SMD Chip LED Lamps
AL-HB435A A-BRIGHT-AL-HB435A_09 Datasheet
207Kb / 5P
   0805 Package Blue SMD Chip LED Lamps
AL-HUB33 A-BRIGHT-AL-HUB33_09 Datasheet
218Kb / 5P
   1206 Package Red SMD Chip LED Lamps
AL-HG635A A-BRIGHT-AL-HG635A_09 Datasheet
207Kb / 5P
   0805 Package Pure Green SMD Chip LED Lamps
AL-HGD35A A-BRIGHT-AL-HGD35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow Green SMD Chip LED Lamps
2009/02/19
logo
P-tec Corporation
PL0012-WDR21 P-TEC-PL0012-WDR21 Datasheet
30Kb / 1P
   SMD LED Super Bright Red 0805 Package
PL0012-WDR12 P-TEC-PL0012-WDR12 Datasheet
30Kb / 1P
   SMD LED Hi-Eff Red 0805 Package
PL0012-WDR23 P-TEC-PL0012-WDR23 Datasheet
30Kb / 1P
   SMD LED Ultra Bright Red 0805 Package
logo
A-BRIGHT Inc
AL-HUB36D A-BRIGHT-AL-HUB36D_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.8mm Height)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com