Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1FAV50TK0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP1FAV50TK0F
Description  Fiber Optic Transmitter Square connector With mounting hole Protection cap type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FAV50TK0F Datasheet(HTML) 8 Page - Sharp Corporation

  GP1FAV50TK0F_06 Datasheet HTML 1Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 2Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 3Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 4Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 5Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 6Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 7Page - Sharp Corporation GP1FAV50TK0F_06 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GP1FAV50TK0F
Important Notices
· The circuit application examples in this publication are
provided to explain representative applications of
SHARP devices and are not intended to guarantee any circuit
design or license any intellectual property rights. SHARP
takes no responsibility for any problems related to any
intellectual property right of a third party resulting from the use
of SHARP's devices.
· Contact SHARP in order to obtain the latest device specifi-
cation sheets before using any SHARP device. SHARP
reserves the right to make changes in the specifications,
characteristics, data, materials, structure, and other
contents described herein at any time without notice in
order to improve design or reliability. Manufacturing
locations are also subject to change without notice.
· Observe the following points when using any devices in this
publication. SHARP takes no responsibility for damage
caused by improper use of the devices which does not meet the
conditions and absolute maximum ratings to be used specified
in the relevant specification sheet nor meet the following condi-
tions:
(i) The devices in this publication are designed for use in
general electronic equipment designs such as:
--- Personal computers
--- Office automation equipment
--- Telecommunication equipment [terminal]
--- Test and measurement equipment
--- Industrial control
--- Audio visual equipment
--- Consumer electronics
(ii) Measures such as fail-safe function and redundant design
should be taken to ensure reliability and safety when SHARP
devices are used for or in connection
with equipment that requires higher reliability such as:
--- Transportation control and safety equipment (i.e.,
aircraft, trains, automobiles, etc.)
--- Traffic signals
--- Gas leakage sensor breakers
--- Alarm equipment
--- Various safety devices, etc.
(iii) SHARP devices shall not be used for or in
connection with equipment that requires an extremely high
level of reliability and safety such as:
--- Space applications
--- Telecommunication equipment [trunk lines]
--- Nuclear power control equipment
--- Medical and other life support equipment (e.g.,
scuba).
· If the SHARP devices listed in this publication fall
within the scope of strategic products described in the
Foreign Exchange and Foreign Trade Law of Japan, it is
necessary to obtain approval to export such SHARP devices.
· This publication is the proprietary product of SHARP and
is copyrighted, with all rights reserved. Under the copy-
right laws, no part of this publication may be repro-
duced or transmitted in any form or by any means,
electronic or mechanical, for any purpose, in whole or in
part, without the express written permission of SHARP.
Express written permission is also required before any use
of this publication may be made by a third party.
· Contact and consult with a SHARP representative if there
are any questions about the contents of this publication.
Sheet No.: E2-A00401EN
8


Similar Part No. - GP1FAV50TK0F_06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
More results

Similar Description - GP1FAV50TK0F_06

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FAV30TK0F SHARP-GP1FAV30TK0F Datasheet
334Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole Protection cap type
GP1FAV50RK0F SHARP-GP1FAV50RK0F Datasheet
347Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV30RK0F SHARP-GP1FAV30RK0F Datasheet
328Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV51TK0F SHARP-GP1FAV51TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV31TK0F SHARP-GP1FAV31TK0F Datasheet
338Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV55TK0F SHARP-GP1FAV55TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FMV51TK0F SHARP-GP1FMV51TK0F Datasheet
329Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FAV31RK0F SHARP-GP1FAV31RK0F Datasheet
329Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV51RK0F SHARP-GP1FAV51RK0F Datasheet
349Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com