Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
3.2
Critical performance parameters
The critical performance parameters of the MPC5602D feature the following:
Fully static design operation up to a maximum of 48 MHz, based on 125
C ambient temperature
Low power design
— Designed for dynamic power management of core and peripherals
— Software-controlled clock gating of peripherals
— Multiple power domains to minimize leakage in low power modes
Internal voltage regulator (VREG) enables control with a single input voltage for device operation
below 100 mA with optional external ballast resistor for supporting maximum performance
— 3.3 or 5 V ± 10% input supply voltage
ADC analog supply 3.3 or 5 V ± 10%
Configurable pins
— Selectable pull-up, pull-down, or no pull on all GPIO pins
— Selectable open-drain pin
ADC
16 ch, 12-bit
33 ch, 12-bit
16 ch, 12-bit
33 ch, 12-bit
CTU
16 ch
Total timer I/O1
eMIOS
13 ch, 16-bit
28 ch, 16-bit
13 ch, 16-bit
28 ch, 16-bit
• Type X2
2ch
5 ch
2ch
5 ch
• Type Y3
—9 ch
—9 ch
• Type G4
7ch
7 ch
7ch
7 ch
• Type H5
4ch
7 ch
4ch
7 ch
SCI (LINFlex)
3
SPI (DSPI)
2
CAN (FlexCAN)
1
GPIO6
45
79
45
79
Debug
JTAG
Package
64 LQFP
100 LQFP
64 LQFP
100 LQFP
NOTES:
1 Refer to eMIOS section of device reference manual for information on the channel configuration and functions.
2 Type X = MC + MCB + OPWMT + OPWMB + OPWFMB + SAIC + SAOC
3 Type Y = OPWMT + OPWMB + SAIC + SAOC
4 Type G = MCB + IPWM + IPM + DAOC + OPWMT + OPWMB + OPWFMB + OPWMCB + SAIC + SAOC
5 Type H = IPWM + IPM + DAOC + OPWMT + OPWMB + SAIC + SAOC
6 I/O count based on multiplexing with peripherals
Table 2. MPC5602D device comparison (continued)
Feature
Device
MPC5601DxLH
MPC5601DxLL
MPC5602DxLH
MPC5602DxLL


Similar Part No. - MPC5602DPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5602D FREESCALE-MPC5602D Datasheet
692Kb / 77P
   Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
MPC5602DXLH FREESCALE-MPC5602DXLH Datasheet
692Kb / 77P
   Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
More results

Similar Description - MPC5602DPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554 FREESCALE-MPC5554 Datasheet
150Kb / 12P
   MPC5554 Microcontroller Product Brief
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com