Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y0D413K0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2Y0D413K0F
Description  Distance Measuring Sensor Unit Digital output (13 cm) type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0D413K0F Datasheet(HTML) 1 Page - Sharp Corporation

  GP2Y0D413K0F Datasheet HTML 1Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 2Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 3Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 4Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 5Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 6Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 7Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 8Page - Sharp Corporation GP2Y0D413K0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP2Y0D413K0F
GP2Y0D413K0F
Distance Measuring Sensor Unit
Digital output (13 cm) type
Applications
1. Touch-less switch
(Sanitary equipment, Control of illumination, etc.)
2. Robot cleaner
3. Sensor for energy saving
(ATM, Copier, Vending machine)
4. Amusement equipment
(Robot, Arcade game machine)
Features
1. Digital output type
2. Detecting distance : Typ. 13 cm
3. Package size : 29.5×13×13.5 mm
4. Consumption current : Typ. 14 mA
5. Supply voltage : 4.5 to 5.5 V
Agency approvals/Compliance
1. Compliant with RoHS directive (2002/95/EC)
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Sheet No.: E4-A00901EN
Date Dec.01.2006
©SHARP Corporation
Description
GP2Y0D413K0F is a distance measuring sensor unit,
composed of an integrated combination of PSD
(position sensitive detector) , IRED (infrared emitting
diode) and signal processing circuit.
The variety of the reflectivity of the object, the
environmental temperature and the operating duration
are not influenced easily to the distance detection
because of adopting the triangulation method.
The output voltage of this sensor stays high in case
an object exists in the specified distance range. So
this sensor can also be used as proximity sensor.
1


Similar Part No. - GP2Y0D413K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0D02YK0F SHARP-GP2Y0D02YK0F Datasheet
682Kb / 9P
   Distance Measuring Sensor Unit Digital output (80 cm) type
GP2Y0D21YK SHARP-GP2Y0D21YK Datasheet
71Kb / 4P
   General Purpose Type Distance Measuring Sensors
GP2Y0D21YK0F SHARP-GP2Y0D21YK0F Datasheet
399Kb / 9P
   Distance Measuring Sensor Unit Digital output (24 cm) type
GP2Y0D310K SHARP-GP2Y0D310K Datasheet
611Kb / 9P
   Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0D340K SHARP-GP2Y0D340K Datasheet
36Kb / 4P
   Compact Distance Measuring Sensors
More results

Similar Description - GP2Y0D413K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0D02YK0F SHARP-GP2Y0D02YK0F Datasheet
682Kb / 9P
   Distance Measuring Sensor Unit Digital output (80 cm) type
GP2Y0D21YK0F SHARP-GP2Y0D21YK0F Datasheet
399Kb / 9P
   Distance Measuring Sensor Unit Digital output (24 cm) type
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
   Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
   Distance Measuring Sensor Unit Digital output (400 mm) type
GP2Y0D810Z0F SHARP-GP2Y0D810Z0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0D310K SHARP-GP2Y0D310K Datasheet
611Kb / 9P
   Distance Measuring Sensor Unit Digital output (100 mm) type
GP2Y0D805Z0F SHARP-GP2Y0D805Z0F Datasheet
375Kb / 9P
   Distance Measuring Sensor Unit Digital output (50 mm) type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com