Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y1010AU0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2Y1010AU0F
Description  Compact Optical Dust Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y1010AU0F Datasheet(HTML) 4 Page - Sharp Corporation

  GP2Y1010AU0F Datasheet HTML 1Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 2Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 3Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 4Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 5Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 6Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 7Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 8Page - Sharp Corporation GP2Y1010AU0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Sheet No.: E4-A01501EN
GP2Y1010AU0F
Absolute Maximum Ratings
*1 Open drain drive input
Parameter
Symbol
Rating
Unit
Supply voltage
CC
V
Operating temperature
T
T
opr
−10 to +65
°C
−0.3 to V
CC
V
−0.3 to +7
Input terminal voltage
V
V
LED
*1
Soldering temperature
sol
−20 to +80
°C
Electro-optical Characteristics
Recommended input condition for LED input terminal
Parameter
Conditions
Symbol
K
VOC
ILED
*1 *2 *3
*2 *3
*2 *3 RL =4.7kΩ
*2 LED terminal voltage
= 0
*2 RL =∞
MIN.
0.35
0
3.4
TYP.
0.5
0.9
11
10
MAX.
1.5
0.65
20
20
Unit
V/(0.1mg/m
3
)
V
V
mA
mA
Sensitivity
Output voltage at no dust
VOH
Output voltage range
LED terminal current
ICC
Consumption current
*1 Sensitivity is specified by the amount of output voltage change when dust density changes by 0.1 mg/m3.
And the dust density for detection is a value of the density of cigarette (MILD SEVEN®) smoke measured
by the digital dust monitor (P-5L2: manufactured by SHIBATA SCIENTIFIC TECHNOLOGY LTD.).
*2 Input condition is shown in Fig. 1
*3 Output sampling timing is shown in Fig. 2
(Ta
=25°C)
(Ta
=25°C, VCC=5V)
Parameter
Pulse Cycle
Pulse Width
Operating Supply voltage
Symbol
T
PW
VCC
Value
10 ± 1
0.32 ± 0.02
5 ± 0.5
Unit
ms
ms
V


Similar Part No. - GP2Y1010AU0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y1010AU SHARP-GP2Y1010AU Datasheet
41Kb / 4P
   Compact Dust Sensor for Air Conditioners
More results

Similar Description - GP2Y1010AU0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y1001AU SHARP-GP2Y1001AU Datasheet
48Kb / 4P
   COMPACT DUST SENSOR FOR AIR CONDITIONERS
GP2Y1010AU SHARP-GP2Y1010AU Datasheet
41Kb / 4P
   Compact Dust Sensor for Air Conditioners
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C Datasheet
4Mb / 4P
   Smart Dust Sensor
SM-PWM-01C AMPHENOL-SM-PWM-01C_V01 Datasheet
696Kb / 12P
   SMART Dust Sensor
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com