Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3ST21NSZ Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC3ST21NSZ
Description  VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3ST21NSZ Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC3ST21NSZ Datasheet HTML 7Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 8Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 9Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 10Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 11Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 12Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 13Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 14Page - Sharp Corporation PC3ST21NSZ Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
PC3ST21NSZ Series
Sheet No.: D2-A07101EN
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC


Similar Part No. - PC3ST21NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST21NSZB SHARP-PC3ST21NSZB Datasheet
308Kb / 15P
   DIP 4pin Phototriac Coupler for triggering
PC3ST21NSZBF SHARP-PC3ST21NSZBF Datasheet
308Kb / 15P
   DIP 4pin Phototriac Coupler for triggering
PC3ST21NSZC SHARP-PC3ST21NSZC Datasheet
308Kb / 15P
   DIP 4pin Phototriac Coupler for triggering
More results

Similar Description - PC3ST21NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST11NSZ SHARP-PC3ST11NSZ Datasheet
305Kb / 15P
   VDRM : 600V, Non-zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SD21NTZ SHARP-PC3SD21NTZ_04 Datasheet
344Kb / 17P
   VDRM : 600V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SH21YFZBF SHARP-PC3SH21YFZBF Datasheet
308Kb / 15P
   Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SD11NTZ SHARP-PC3SD11NTZ Datasheet
334Kb / 16P
   VDRM : 600V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZ SHARP-PC3SF21YVZ Datasheet
297Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZ SHARP-PC4SD21NTZ Datasheet
330Kb / 16P
   VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD11NTZ SHARP-PC4SD11NTZ Datasheet
327Kb / 16P
   VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD12NTZ SHARP-PC3SD12NTZ Datasheet
326Kb / 16P
   VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZ SHARP-PC3SF11YVZ_04 Datasheet
295Kb / 15P
   VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com