Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC451J00000F Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC451J00000F
Description  Mini-flat Package, High Collector-emitter Voltage Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC451J00000F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC451J00000F Datasheet HTML 6Page - Sharp Corporation PC451J00000F Datasheet HTML 7Page - Sharp Corporation PC451J00000F Datasheet HTML 8Page - Sharp Corporation PC451J00000F Datasheet HTML 9Page - Sharp Corporation PC451J00000F Datasheet HTML 10Page - Sharp Corporation PC451J00000F Datasheet HTML 11Page - Sharp Corporation PC451J00000F Datasheet HTML 12Page - Sharp Corporation PC451J00000F Datasheet HTML 13Page - Sharp Corporation PC451J00000F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Sheet No.: D2-A00302EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3 minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in
actual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated
diphenyl ethers (PBDE).
● Presence of ODC
11
PC451J00000F Series


Similar Part No. - PC451J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC450T11 SHARP-PC450T11 Datasheet
56Kb / 4P
   Photocoupler with Built-in Breakdown Diode for Surge Voltage Absorption
PC452 SHARP-PC452 Datasheet
51Kb / 4P
   Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
Picker Components
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
More results

Similar Description - PC451J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC356NT SHARP-PC356NT Datasheet
82Kb / 6P
   Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PC3Q66Q SHARP-PC3Q66Q Datasheet
45Kb / 4P
   Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
   Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
PC316 SHARP-PC316 Datasheet
157Kb / 4P
   OPAQUE MINI PACKAGE HIGH COLLECTOR EMITTER VOLTAGE TYPE PHOTOCOUPLER
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com