Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1CG41H2RZH Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ1CG41H2RZH
Description  TO-220 Type Chopper Regulator Built-in 300kHz oscillation circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CG41H2RZH Datasheet(HTML) 4 Page - Sharp Corporation

  PQ1CG41H2RZH Datasheet HTML 1Page - Sharp Corporation PQ1CG41H2RZH Datasheet HTML 2Page - Sharp Corporation PQ1CG41H2RZH Datasheet HTML 3Page - Sharp Corporation PQ1CG41H2RZH Datasheet HTML 4Page - Sharp Corporation PQ1CG41H2RZH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Sheet No.: OP06085
Fig.14 Block Diagram
Fig.10 Oscillation Frequency Fluctuation vs.
Junction Temperature
Junction temperature Tj(
°C)
Junction temperature Tj(
°C)
Junction temperature Tj(
°C)
Fig.11 Overcurrent Detecting Level
Fluctuation vs. Junction Temperature
Input voltage VIN(V)
PQ1CG41H2FZH/PQ1CG41H2RZH
Fig.12 Threshold Voltage vs. Junction
Temperature
No load 
Fig.13 Operating Dissipation Current vs.
Input Voltage
Q
R
S
2
5
4
1
3
+
+
VIN
PWM COMP.
F/F
COM
ERROR AMP.
Vref
VOUT
ON/OF F
Oadj
ON/OFF
circuit
Overcurrent
detection
circuit
Overheat
detection
circuit
Voltage
regulator
-25
0
50
25
75
100
125
VIN=12V
VO=5V
-10
-5
0
5
10
-25
0
50
25
75
100
125
-10
-5
0
5
10
-25
0
50
25
75
100
125
VIN=12V
0
0.5
1
1.5
2
2.5
3
VTH(H)
VTH(L)
VTH(ON)
5
6
7
8
9
10
020
10
30
40
Tj=25°C
IO=1A
IO=0.2A


Similar Part No. - PQ1CG41H2RZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG41H2RZ SHARP-PQ1CG41H2RZ Datasheet
82Kb / 4P
   TO-220 Type Chopper Regulator built-in 300kHz oscillation circuit
More results

Similar Description - PQ1CG41H2RZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ41H2ZXH SHARP-PQ1CZ41H2ZXH Datasheet
159Kb / 5P
   TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG38M2FZ SHARP-PQ1CG38M2FZ Datasheet
92Kb / 6P
   TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG38M2FZH SHARP-PQ1CG38M2FZH Datasheet
157Kb / 5P
   TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG41H2FZ SHARP-PQ1CG41H2FZ Datasheet
82Kb / 4P
   TO-220 Type Chopper Regulator built-in 300kHz oscillation circuit
PQ1CZ38M2Z SHARP-PQ1CZ38M2Z Datasheet
88Kb / 6P
   Chopper Regulator built-in 300kHz oscillation circuit
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
   TO-220 Package Chopper Regulator
PQ1CF2 SHARP-PQ1CF2 Datasheet
29Kb / 3P
   TO-220 Package Chopper Regulator
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com