Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ20WZ11J00H Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ20WZ11J00H
Description  Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20WZ11J00H Datasheet(HTML) 6 Page - Sharp Corporation

  PQ20WZ11J00H Datasheet HTML 1Page - Sharp Corporation PQ20WZ11J00H Datasheet HTML 2Page - Sharp Corporation PQ20WZ11J00H Datasheet HTML 3Page - Sharp Corporation PQ20WZ11J00H Datasheet HTML 4Page - Sharp Corporation PQ20WZ11J00H Datasheet HTML 5Page - Sharp Corporation PQ20WZ11J00H Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06025
■ Typical Application
■ Setting of Output Voltage
Output voltage is able to set from 3V to 20V when resistors R1 and R2 are attached to ,③、④、⑤ terminals. As for the external
resistors to set output voltage, refer to the figure below and Fig.6.
1
3
2
5
4
+
Load 
VIN
CIN
ON/OFF signal  High:Output ON
Low or Open:Output OFF 
R2
R1
2kΩ
CO
VO
4
5
3
+
Vref
VO
R2
R1
PQ20WZ51J00H/PQ20WZ11J00H
VO=Vref×1+R2/R1
R1=2kΩ,Vref≒2.64V)
DC Input
47μF


Similar Part No. - PQ20WZ11J00H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20WZ11J00H SHARP-PQ20WZ11J00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ20WZ11J00H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
   2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com