Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ200WNA1ZPH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ200WNA1ZPH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ200WNA1ZPH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ200WNA1ZPH Datasheet HTML 1Page - Sharp Corporation PQ200WNA1ZPH Datasheet HTML 2Page - Sharp Corporation PQ200WNA1ZPH Datasheet HTML 3Page - Sharp Corporation PQ200WNA1ZPH Datasheet HTML 4Page - Sharp Corporation PQ200WNA1ZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Features
Outline Dimensions
Applications
PQ200WNA1ZPH
PQ200WNA1ZPH
(Unit : mm)
1.AV equipment
2.OA equipment
Sheet No.: OP06073
Compact Surface Mount type
Low Power-Loss Voltage Regulators
Parameter
Symbol
Rating
Unit
1
V
V
Input voltage
8W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
24
Absolute Maximum Ratings
(Ta=25°C)
Output control voltage
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD: With infinite heat sink
*3
24
A
1.Output current : 1A
2.High isolation voltage VIN:MAX.24 V
3.Low dissipation current
(Dissipation current at no load: MAX. 8mA
Output OFF-state dissipation current: MAX.5μA)
4.Built-in ON/OFF function
5.Built-in overcurrent and overheat protection functions
6.Built-in ASO protection function
7.Ceramic capacitor compatible
8.RoHS directive compliant
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Product mass:(0.2g)
Output voltage adjustment(Vadj)
GND
1
2
3
4
5
Specific IC
DC input (VIN)
ON/OFF control terminal (VC)
DC output(VO)
Epoxy resin
(
) : Typical dimensions
(0.3)
(0.3)
200WNA1
3
1
2
4
5
1
4
3
5
6.6MAX.
5.2±0.5
2.1±0.5
(0~0.25)
0.3 +0.2
-0.1
4-(1.27)
H
Lead finish
identification mark
VIN
VC
Tsol
Tstg
Topr
Tj
PD
IO
V
Output adjustment pin voltage
5
Vadj
*1
2
There is case that over heat protection function operates at the temperature
Tj:125°C to 150°C,this item cannot be used in this temperature range.


Similar Part No. - PQ200WNA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ200WNA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com