Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ015ENAHZPH Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ015ENAHZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015ENAHZPH Datasheet(HTML) 5 Page - Sharp Corporation

  PQ015ENAHZPH Datasheet HTML 1Page - Sharp Corporation PQ015ENAHZPH Datasheet HTML 2Page - Sharp Corporation PQ015ENAHZPH Datasheet HTML 3Page - Sharp Corporation PQ015ENAHZPH Datasheet HTML 4Page - Sharp Corporation PQ015ENAHZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Sheet No.: OP07002
PQxxxENAHZPH Series
Fig.12 Circuit Operating Current vs. Input
Voltage (PQ018ENAHZPH)
Fig.13 Dropout Voltage vs. Output Current
(PQ033ENAHZPH)
Fig.14 Ripple Rejection vs. Input Ripple
Frequency (PQxxxENAHZPH)
Fig.15 Ripple Rejection vs. Output Current
(PQ018ENAHZPH)
Fig.16 Power Dissipation vs. Ambient
Temperature (Typical Value)
0
20
01
2
3
4
5
16
4
8
12
RL=1.2Ω(IO=1.5A)
RL=1.8Ω(IO=1A)
RL=∞Ω(IO=0A)
Input voltage VIN (V)
0
0.2
0.4
0.6 0.8 1.0
1.2
1.4
0
0.3
0.9
0.1
0.5
0.7
0.8
0.2
0.4
0.6
1
VC=2.7V
CIN=1μF
CO=10μF
Output current IO (A)
0.1
1
100
10
1000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
ei(rms)=0.5Vrms
Vc=2.7V
IO=0.3A
CO=10μF
Ta=Room temp.
Input ripple frequency f (kHz)
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
01
0.2 0.4
0.6
0.8
1.2
1.4
ei=0.5Vrms
f=120Hz
VIN=3.8V
Vc=2.7V
CO=10μF
Ta=Room temp.
Output current IO(A)
0
2.0
1.0
-40
0
20
40
60
80
-20
100 120
0.5
1.5
Cu area 740mm2
Cu area 100mm2
Cu area 180mm2
Cu area 70mm2
Cu area 36mm2
Ambient temperature Ta (°C)
Mounting PCB
PCB
Cu
Material
Size
Cu thickness
: Glass-cloth epoxy resin
: 50×50×1.6mm
: 35μm


Similar Part No. - PQ015ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015ENA1ZPH SHARP-PQ015ENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com