Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ018ENAHZPH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ018ENAHZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ018ENAHZPH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ018ENAHZPH Datasheet HTML 1Page - Sharp Corporation PQ018ENAHZPH Datasheet HTML 2Page - Sharp Corporation PQ018ENAHZPH Datasheet HTML 3Page - Sharp Corporation PQ018ENAHZPH Datasheet HTML 4Page - Sharp Corporation PQ018ENAHZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Features
Outline Dimensions
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Applications
PQxxxENAHZPH Series
PQxxxENAHZPH Series
Product mass:(0.23g)
(Unit : mm)
Sheet No.: OP07002
Low Voltage Operation,Compact Surface
Mount type Low Power-Loss Voltage Regulators
1.Low voltage operation
(Minimum operating voltage: 2.35V)
2.Output current : 1.5A
3.Low dissipation current
(Dissipation current at no load: MAX. 2mA
Output OFF-state dissipation current: MAX.5μA)
4.Compliant Ceramic capacitors
5.Built-in ON/OFF function
6.Built-in overcurrent and overheat protection functions
7.Correspond to flow soldering
8.RoHS directive compliant
Model Line-up
Output Voltage
(TYP.)
Model No.
Parameter
Symbol
Rating
Unit
1.5
V
V
Input voltage
8W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
10
Absolute Maximum Ratings
(Ta=25°C)
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 Pd:With infinite heat sink
*3 There is case that over heat protection operates at the temperature Tj:125°C to 150°C,
so this item cannot be used in this temperature range.
NC
GND
1
2
3
4
5
Specific IC
DC input (VIN)
ON/OFF control terminal (VC)
DC output(VO)
Epoxy resin
(
) : Typical dimensions
10
A
(0.3)
(0.3)
015ENAH
3
1
2
4
5
1
2
3
5
6.6MAX.
5.2±0.5
2.1±0.5
(0~0.25)
0.3+0.2
-0.1
4-(1.27)
H
Lead finish
identification mark
Output control voltage
1.Personal computers and peripheral equipment
2.Power supplies for various digital electronic equipment such
as DVD player or STB
1.5V
PQ015ENAHZPH
1.8V
2.5V
3.3V
PQ018ENAHZPH
PQ025ENAHZPH
PQ033ENAHZPH
VIN
VC
IO
Pd
Tj
Topr
Tstg
Tsol


Similar Part No. - PQ018ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ018ENA1ZPH SHARP-PQ018ENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ018ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com