Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ025ENAHZPH Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ025ENAHZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025ENAHZPH Datasheet(HTML) 3 Page - Sharp Corporation

  PQ025ENAHZPH Datasheet HTML 1Page - Sharp Corporation PQ025ENAHZPH Datasheet HTML 2Page - Sharp Corporation PQ025ENAHZPH Datasheet HTML 3Page - Sharp Corporation PQ025ENAHZPH Datasheet HTML 4Page - Sharp Corporation PQ025ENAHZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Sheet No.: OP07002
PQxxxENAHZPH Series
A
A
3
2
5
1
V
A
VIN
1μF
10μF
VC
IC
VO
IO
RL
Iq
ei
eo
2.7V
3
1
2
5
V
~
~
1μF
IO
RL
10μF
+
VIN
VC
Fig.2 Test Circuit
Fig.3 Test Circuit for Ripple Rejection
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=VO(TYP)+2V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Fig.4 Power Dissipation vs. Ambient
Temperature
Fig.5 Overcurrent Protection Characteristics
(PQ018ENAHZPH)
0
0.2
0.4
0.6
1.4
1.8
0
0.4
2.0
2.3
1.6
0.8
1.0
1.2
1.6
2.0
0.8
1.2
VIN=10V
VIN=2.35V
VIN=2.5V
VIN=7V
VIN=5V
VIN=3.3V
Output current IO (A)
0
5
8
10
-40 -20
0
20 40
85
60
120
100
140 150


Similar Part No. - PQ025ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025ENA1ZPH SHARP-PQ025ENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025ENAHZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com