Electronic Components Datasheet Search |
|
AC30-120K-RC Datasheet(PDF) 1 Page - Allied Components International |
|
AC30-120K-RC Datasheet(HTML) 1 Page - Allied Components International |
|
1 / 1 page AC30-R10K-RC .10 10 50 25.2 470 0.04 900 AC30-R12K-RC .12 10 50 25.2 450 0.06 900 AC30-R15K-RC .15 10 50 25.2 430 0.07 890 AC30-R18K-RC .18 10 50 25.2 410 0.07 890 AC30-R22K-RC .22 10 50 25.2 380 0.08 880 AC30-R27K-RC .27 10 50 25.2 340 0.09 800 AC30-R33K-RC .33 10 50 25.2 300 0.10 750 AC30-R39K-RC .39 10 50 25.2 280 0.12 680 AC30-R47K-RC .47 10 50 25.2 250 0.16 650 AC30-R56K-RC .56 10 50 25.2 230 0.18 600 AC30-R68K-RC .68 10 50 25.2 210 0.22 550 AC30-R82K-RC .82 10 50 25.2 172 0.24 980 AC30-1R0K-RC 1.0 10 50 25.2 157 0.09 920 AC30-1R2K-RC 1.2 10 50 7.96 144 0.10 880 AC30-1R5K-RC 1.5 10 50 7.96 131 0.23 830 AC30-1R8K-RC 1.8 10 55 7.96 121 0.25 790 AC30-2R2K-RC 2.2 10 55 7.96 110 0.28 750 AC30-2R7K-RC 2.7 10 60 7.96 100 0.30 720 AC30-3R3K-RC 3.3 10 65 7.96 94 0.34 670 AC30-3R9K-RC 3.9 10 65 7.96 86 0.37 640 AC30-4R7K-RC 4.7 10 70 7.96 80 0.39 620 AC30-5R6K-RC 5.6 10 70 7.96 74 0.43 590 AC30-6R8K-RC 6.8 10 75 7.96 58 0.48 550 AC30-8R2K-RC 8.2 10 80 7.96 53 0.52 530 AC30-100K-RC 10 10 85 7.96 45 0.58 500 AC30-120K-RC 12 10 75 2.52 30 0.63 480 AC30-150K-RC 15 10 70 2.52 20 0.72 460 AC30-180K-RC 18 10 65 2.52 14 0.77 430 AC30-220K-RC 22 10 40 2.52 9.9 0.84 410 AC30-270K-RC 27 10 55 2.52 7.6 0.94 390 AC30-330K-RC 33 10 55 2.52 6.3 1.03 370 AC30-390K-RC 39 10 50 2.52 6.3 1.12 350 AC30-470K-RC 47 10 45 2.52 6.3 1.22 340 AC30-560K-RC 56 10 40 2.52 6.2 1.34 320 AC30-680K-RC 68 10 40 2.52 5.7 1.47 305 AC30-820K-RC 82 10 35 2.52 5.3 1.62 290 AC30-101K-RC 100 10 30 2.52 4.8 1.80 275 AC30-121K-RC 120 10 70 .796 3.8 3.70 185 AC30-151K-RC 150 10 70 .796 3.5 4.20 175 AC30-181K-RC 180 10 70 .796 3.3 4.60 165 AC30-221K-RC 220 10 70 .796 3.0 5.10 155 AC30-271K-RC 270 10 65 .796 2.8 5.80 145 AC30-331K-RC 330 10 65 .796 2.6 6.40 137 AC30-391K-RC 390 10 65 .796 2.4 7.00 133 AC30-471K-RC 470 10 60 .796 2.25 7.70 126 AC30-561K-RC 560 10 60 .796 2.1 8.5 120 AC30-681K-RC 680 10 55 .796 1.95 9.4 113 AC30-821K-RC 820 10 55 .796 1.85 12.0 100 AC30-102K-RC 1000 10 50 .252 1.4 17.4 100 Axial Coated Inductors AC30 Features • Incorporation of a special lead wire structure entirely eliminates defects inherent in existing axial lead type products and prevents lead breakage. • The special magnetic core structure permits the product to have reduced size, high "Q" and self resonant frequencies. • Treated with epoxy resin coating for humidity resistance to ensure longer life. • Heat resistant adhesives and special structural design for effective open circuit measurement. Electrical Inductance Range: .10µh to 1000µh. Tolerance: 10% over entire range. Tighter tolerances available Temp. Rise: 20°C. Ambient Temp.: 80°C. Rated Temp Range: -20 to +100°C. Dielectric Withstanding Voltage: 250 Volts R.M.S. Rated Current: Based on temp rise. Mechanical Terminal Tensile Strength: 1.0 kg min. Terminal Bending Strength: .3 kg min. Physical Marking (on reel): Manufacturers name, Part number, Quantity, Marking: 4 band color code. Packaging: 5000 pieces per Ammo Allied Part Number Inductance (µh) Tolerance (%) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR Max. (Ω) Rated Current (mA) All specifications subject to change without notice. NOMINAL 24AWG 0.157 (3.99) MAX. 0.394 (10.01) MAX. Dimensions: Inches (mm) ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS 1.15 (29) NOMINAL 1.15 (29) For Tape and Reel packaging please add ”-TR” to the part number. Pack. REVISED 10/13/10 |
Similar Part No. - AC30-120K-RC |
|
Similar Description - AC30-120K-RC |