Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB01W05C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB01W05C
Description  50V, 100mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB01W05C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB01W05C Datasheet HTML 1Page - Sanyo Semicon Device SB01W05C Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/72696GI (KOTO)/1269TA, TS No.2995-1/2
SB01W05C
Ordering number :EN2995A
50V, 100mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode (Twin Type · Cathode Common)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
5
=0
5V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
1
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
2
=
5
1A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
CVR
z
H
M
1
=
f
,
V
0
1
=4
.
4F
p
e
m
i
T
y
r
e
v
r
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
a
-
j
h
t
R
0
6
5
)
2
(
a
-
j
h
t
R
0
1
4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
5V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
0
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
2A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C (Value per element)
Package Dimensions
unit:mm
1169A
[SB01W05C]
Electrical Characteristics at Ta = 25˚C (Value per element)
· Marking:AH
˚C
˚C
trr Test Circuit
1:Anode
2:No connection
3:Cathode
SANYO:CP
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recorvery time (trr max=10ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
Electrical Connection
˚C/W
˚C/W
Mounted on Cu-foild area of 16mm2
×0.2mm on glass
epoxy board


Similar Part No. - SB01W05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
   50V, 100mA Rectifier
More results

Similar Description - SB01W05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
   50V, 100mA Rectifier
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
   50V, 100mA Rectifier
FC806 SANYO-FC806 Datasheet
50Kb / 2P
   50V, 100mA Rectifier
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
   50V, 100mA Rectifier
SB01-05Q SANYO-SB01-05Q Datasheet
51Kb / 2P
   50V, 100mA Rectifier
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
   50V, 100mA Rectifier
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com