Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N50 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N50
Description  1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50 Datasheet(HTML) 3 Page - Unisonic Technologies

  1N50 Datasheet HTML 1Page - Unisonic Technologies 1N50 Datasheet HTML 2Page - Unisonic Technologies 1N50 Datasheet HTML 3Page - Unisonic Technologies 1N50 Datasheet HTML 4Page - Unisonic Technologies 1N50 Datasheet HTML 5Page - Unisonic Technologies 1N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-548.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.65A
5.5
DYNAMIC PARAMETERS
Input Capacitance
CISS
220 290
pF
Output Capacitance
COSS
30
35
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
11
13
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
11
16
nC
Gate to Source Charge
QGS
1.6
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=400V, ID=1.5A
(Note 6, 7)
5.5
nC
Turn-ON Delay Time
tD(ON)
12
35
ns
Rise Time
tR
13
35
ns
Turn-OFF Delay Time
tD(OFF)
42
90
ns
Fall-Time
tF
VDD=250V, ID=1.5A, RG=25Ω
(Note 6, 7)
15
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
1.3
A
Maximum Body-Diode Pulsed Current
ISM
5
A
Drain-Source Diode Forward Voltage
VSD
IS=1.3A, VGS=0V
1.15
V
Body Diode Reverse Recovery Time
tRR
162
ns
Body Diode Reverse Recovery Charge
QRR
IS=1.5A, VGS=0V, dIF/dt=100A/µs
(Note 6)
0.54
µC
Notes: 6. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
7. Essentially independent of operating temperature


Similar Part No. - 1N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N50 UTC-1N50 Datasheet
177Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
1N50 NJSEMI-1N50 Datasheet
43Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Inchange Semiconductor ...
1N50-220 ISC-1N50-220 Datasheet
209Kb / 2P
   isc N-Channel MOSFET Transistor
1N50-220F ISC-1N50-220F Datasheet
204Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - 1N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
   18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
8N50 UTC-8N50 Datasheet
171Kb / 6P
   8 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com