Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR31MA11NTZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PR31MA11NTZ
Description  Non-Zero Cross type DIP 6pin SSR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR31MA11NTZ Datasheet(HTML) 4 Page - Sharp Corporation

  PR31MA11NTZ Datasheet HTML 1Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 2Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 3Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 4Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 5Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 6Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 7Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 8Page - Sharp Corporation PR31MA11NTZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
■ Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Output
(Ta
=25˚C)
Forward voltage
Reverse current
Repetitive peak OFF-state current
ON-state voltage
Holding current
Critical rate of rise of OFF-state voltage
Minimum trigger current
Isolation resistance
Turn-on time
VF
IR
IDRM
VT
IH
dV/dt
IFT
RISO
ton
V
µA
µA
V
mA
V/
µs
mA
µs
IF
=20mA
VR
=3V
VD
=VDRM
IT
=60mA
VD
=6V
VD
=1/
2 ·VDRM
VD
=6V, RL=100Ω
DC500V,40 to 60%RH
VD
=6V, RL=100Ω, IF=20mA
Conditions
0.1
500
5
×10
10
1.2
1.0
1011
1.4
10
1
2.5
3.5
10
100
MIN.
TYP.
MAX.
Transfer
charac-
teristics
■ Absolute Maximum Ratings
4
Parameter
Symbol
Rating
Unit
(Ta
=25˚C)
Forward current
Reverse voltage
RMS ON-state current
Peak one cycle surge current
Repetitive peak OFF-state voltage
Isolation voltage
Operating temperature
Storage temperature
Soldering temperature
*2
*1
IF
VR
IT(rms)
Isurge
VDRM
Viso(rms)
Topr
Tstg
Tsol
mA
V
mA
A
V
kV
˚C
˚C
˚C
*4
*3
*3
*5
50
6
60
1.2
600
5.0
−30 to +80
−55 to +125
270
*1 40 to 60%RH, AC for 1minute, f
=60Hz
*2 For 10s
*3 Refer to Fig.1, Fig.2
*4 f
=50Hz sine wave
*5 Lead solder plating models: 260˚C
Input
Output
PR31MA11NTZ Series
Soldering area
Sheet No.: D4-A00101EN


Similar Part No. - PR31MA11NTZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31100ABC PHILIPS-PR31100ABC Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31500 PHILIPS-PR31500 Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31500ABC PHILIPS-PR31500ABC Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31700 PHILIPS-PR31700 Datasheet
378Kb / 36P
   32-bit RISC microprocessor
1998 May 13
More results

Similar Description - PR31MA11NTZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR22MA11NTZ SHARP-PR22MA11NTZ Datasheet
268Kb / 14P
   IT(rms)??.15A, Non-Zero Cross type DIP 6pin SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZA SHARP-PC2SD11NTZA Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com