Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2655GX-T9N-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2655GX-T9N-B
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2655GX-T9N-B Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2655GX-T9N-B Datasheet HTML 1Page - Unisonic Technologies 2SC2655GX-T9N-B Datasheet HTML 2Page - Unisonic Technologies 2SC2655GX-T9N-B Datasheet HTML 3Page - Unisonic Technologies 2SC2655GX-T9N-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC2655
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009Unisonic Technologies Co., Ltd
QW-R211-013.E
POWER AMPLIFIER
APPLICATIONS POWER
SWITCHING APPLICATIONS
FEATURES
* Low saturation voltage:
VCE(SAT)= 0.5V (Max.)
* High speed switching time: tstg=1.0μs (Typ.)
Lead-free:
2SC2655L
Halogen-free: 2SC2655G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC2655-x-AE3-R 2SC2655L-x-AE3-R 2SC2655Gx-AE3-R
SOT-23
E
B
C
Tape Reel
2SC2655-x-T9N-B 2SC2655L-x-T9N-B 2SC2655Gx-T9N-B
TO-92NL
E
C
B
Tape Box
2SC2655-x-T9N-K 2SC2655L-x-T9N-K 2SC2655Gx-T9N-K
TO-92NL
E
C
B
Bulk


Similar Part No. - 2SC2655GX-T9N-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2655GX-T9N-B UTC-2SC2655GX-T9N-B Datasheet
259Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC2655GX-T9N-B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com