Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3834-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3834-TA3-T
Description  SWITCH NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3834-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3834-TA3-T Datasheet HTML 1Page - Unisonic Technologies 2SC3834-TA3-T Datasheet HTML 2Page - Unisonic Technologies 2SC3834-TA3-T Datasheet HTML 3Page - Unisonic Technologies 2SC3834-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3834
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-026.C
TYPICAL CHARACTERISTICS
7
6
5
4
3
2
1
0
01
2
3
4
Collector-Emitter Voltage,VCE (V)
IC-VCE Characteristics (Typical)
200mA
150mA
100mA
60mA
40mA
20mA
IE=10mA
2
1
0.005
IC=1A
3A
5A
VCE(SAT)-IB Characteristics (Typical)
Base Current,IB (A)
0.01
0.05 0.1
0.5
1
0
VCE=12V
0
10
20
30
-0.01
-0.05 -0.1
-0.5 -1
-5
Emitter Current,IE (A)
fT-IE Characteristics (Typical)
100ms
10ms
Without
Healstink
Natural
Cooling
510
0.05
0.1
0.5
1
5
10
20
Safe Operating Area (Single Pulse)
Collect-Emitter Voltage,VCE (V)
50
120 200


Similar Part No. - 2SC3834-TA3-T

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
126Kb / 3P
   SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3834 SAVANTIC-2SC3834 Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3834 JMNIC-2SC3834 Datasheet
124Kb / 3P
   Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
2SC3834 ISC-2SC3834 Datasheet
307Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3834-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
126Kb / 3P
   SWITCH NPN TRANSISTOR
2SC3835 UTC-2SC3835 Datasheet
122Kb / 4P
   SWITCH NPN TRANSISTOR
logo
Central Semiconductor C...
CP396V-2N2369A CENTRAL-CP396V-2N2369A Datasheet
794Kb / 3P
   NPN - Saturated Switch Transistor Die
CP176 CENTRAL-CP176 Datasheet
203Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP208 CENTRAL-CP208 Datasheet
203Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP211 CENTRAL-CP211_10 Datasheet
478Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP211 CENTRAL-CP211 Datasheet
218Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP312 CENTRAL-CP312 Datasheet
213Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP312 CENTRAL-CP312_10 Datasheet
473Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
CP208 CENTRAL-CP208_10 Datasheet
395Kb / 2P
   Power Transistor NPN - Amp/Switch Transistor Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com