Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4242 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4242
Description  SWITCHMODE SERIES NPN POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4242 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4242 Datasheet HTML 1Page - Unisonic Technologies 2SC4242 Datasheet HTML 2Page - Unisonic Technologies 2SC4242 Datasheet HTML 3Page - Unisonic Technologies 2SC4242 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4242
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-033.A
TYPICAL CHARACTERISTIC
100
125
Temperature, TC (℃)
0
10
20
40
60
Power Derating
30
50
25
50
75
150
0


Similar Part No. - 2SC4242

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
List of Unclassifed Man...
2SC4242 ETC-2SC4242 Datasheet
105Kb / 1P
   MOLD TYPE BIPOLAR TRANSISTORS
logo
Suntac Electronic Corp.
2SC4242 SUNTAC-2SC4242 Datasheet
129Kb / 2P
   TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC4242 SAVANTIC-2SC4242 Datasheet
152Kb / 4P
   Silicon NPN Power Transistors
logo
Dc Components
2SC4242 DCCOM-2SC4242 Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4242

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2SC2335 NJSEMI-2SC2335 Datasheet
83Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
   SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com