Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFRIN0495 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAFRIN0495
Description  Single Junction Circulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFRIN0495 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAFRIN0495 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFRIN0495 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Single Junction Circulator
860 MHz—872 MHz
Rev. B
MAFRIN0495
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing
1.
Dimensions in inches.
2.
Tolerance: ±0.020” unless otherwise noted.
3.
Lead thickness is 0.005”.
4.
Model number, lot code and port designation printed on top side of unit.
Section
Material
Plating
Leads
Copper
Silver
Housing
Steel
Tin
Plating
Rev
Date
By
B
6/01/2010
BH
Description
Create datasheet
ECO History


Similar Part No. - MAFRIN0495

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0495 MACOM-MAFRIN0495 Datasheet
133Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
More results

Similar Description - MAFRIN0495

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
MAFRIN0332 MA-COM-MAFRIN0332 Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
61Kb / 1P
   Single Junction Drop-In Circulator
logo
M/A-COM Technology Solu...
MAFRIN0536 MA-COM-MAFRIN0536 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
logo
Skyworks Solutions Inc.
SKYFR-001389 SKYWORKS-SKYFR-001389 Datasheet
406Kb / 3P
   2110-3170 MHz Single Junction Robust Lead Circulator
SKYFR-001387 SKYWORKS-SKYFR-001387 Datasheet
405Kb / 3P
   1805-1880 MHz Single junction Robust Lead Circulator
logo
M/A-COM Technology Solu...
MAFR-000291-000001 MA-COM-MAFR-000291-000001 Datasheet
95Kb / 2P
   Single Junction SMT Circulator 2010 MHz-2025 MHz
MAFR-000127-WD3S1T MA-COM-MAFR-000127-WD3S1T Datasheet
97Kb / 2P
   Dual Junction Drop-In Circulator
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com