Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1616AG-X-T92-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD1616AG-X-T92-K
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1616AG-X-T92-K Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD1616AG-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 2SD1616AG-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 2SD1616AG-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 2SD1616AG-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD1616/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R201-008.D
TYPICAL CHARACTERISTICS(Cont.)
DC Current Gain
Collector Current, IC (A)
0.01
50
300
1000
10
10
500
100
30
5
3
1
0.03 0.05 0.1
0.3 0.5
1
3 5
VCE=2V
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC (A)
0.01
10
0.1
10
1
0.03 0.05 0.1
0.3 0.5
1
3 5
IC=20IB
0.03
0.05
0.3
0.5
3
5
VCE (SAT)
VBE (SAT)
20
0m
s
D
C
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Similar Part No. - 2SD1616AG-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Renesas Technology Corp
2SD1616A RENESAS-2SD1616A Datasheet
235Kb / 6P
   SILICON TRANSISTORS
2002
logo
Micro Electronics
2SD1616A MICRO-ELECTRONICS-2SD1616A Datasheet
111Kb / 1P
   NPN SILICON TRANSISTOR
logo
Nanjing International G...
2SD1616A DGNJDZ-2SD1616A Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
   NPN SILICON TRANSISTORS
More results

Similar Description - 2SD1616AG-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com