Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N40G-TF3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 6N40G-TF3-T
Description  6 Amps, 400 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N40G-TF3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  6N40G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N40G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N40G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N40G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N40G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N40G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-487
.a
TEST CIRCUITS AND WAVEFORMS
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 6N40G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N40G-TF3-T UTC-6N40G-TF3-T Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
6N40G-TF3-T UTC-6N40G-TF3-T Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - 6N40G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N40 UTC-1N40 Datasheet
173Kb / 4P
   1 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
178Kb / 6P
   2 Amps, 400 Volts N-CHANNEL POWER MOSFET
UF730 UTC-UF730_10 Datasheet
343Kb / 6P
   5.5 Amps, 400 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTP6N50 ONSEMI-NTP6N50 Datasheet
60Kb / 8P
   Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
August, 2001 ??Rev. 1
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4 Datasheet
135Kb / 10P
   18 Amps, 400 Volts N-Channel D2PAK
March, 2005 ??Rev. 1
NTP6N60 ONSEMI-NTP6N60 Datasheet
49Kb / 4P
   Power MOSFET 6 Amps, 600 Volts N−Channel TO−220
March, 2004 - Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMD2P01R2 ONSEMI-NTMD2P01R2 Datasheet
142Kb / 6P
   Power MOSFET ??.3 Amps, ??6 Volts
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com