Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1618L-D16-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1618L-D16-T
Description  6 KEYS SIREN/ALARM SOUND GENERATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1618L-D16-T Datasheet(HTML) 3 Page - Unisonic Technologies

  1618L-D16-T Datasheet HTML 1Page - Unisonic Technologies 1618L-D16-T Datasheet HTML 2Page - Unisonic Technologies 1618L-D16-T Datasheet HTML 3Page - Unisonic Technologies 1618L-D16-T Datasheet HTML 4Page - Unisonic Technologies 1618L-D16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1618
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-007.E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Voltage
VOUT
-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0 ~ 65
°C
Storage Temperature
TSTG
-40 ~ 125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
DD=3V,Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
2
3
5
V
IOH
1
mA
BZ1, BZ2 Driving Current
IOL
1
mA
Stand-By Current
Isb
10
20
uA
Operating Current
Iop
300
500
uA
Operating Frequency
Fop
70
80
128
KHz


Similar Part No. - 1618L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618L-D16-T UTC-1618L-D16-T Datasheet
162Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618L-D16-T UTC-1618L-D16-T Datasheet
195Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
More results

Similar Description - 1618L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618_12 Datasheet
162Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618 Datasheet
41Kb / 4P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
   6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
   6 TONES SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
   6 TONES SIREN/ALARM SOUND GENERATOR
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
   SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Unisonic Technologies
1616 UTC-1616 Datasheet
39Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com