Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-5920-SPG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # BTRS-5920-SPG
Description  1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-5920-SPG Datasheet(HTML) 6 Page - Optoway Technology Inc

  BTRS-5920-SPG Datasheet HTML 1Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 2Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 3Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 4Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 5Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Optoway
BTRS-5920G
***********************************************************************************************************************************************************************
****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2009 V4.0
6
2) Pigtail
BTRS-5920-SP50G / BTRS-5920A-SP50G
Note: Length L is 50
± 3 cm. Other pigtail’s length is available upon request.
Note: Specifications subject to change without notice.


Similar Part No. - BTRS-5920-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5920-SPG OPTOWAY-BTRS-5920-SPG Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-5920-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-5920G OPTOWAY-BTR-5920G Datasheet
111Kb / 4P
   1490 nm TX/ 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5920G OPTOWAY-BTRS-5920G Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5820G OPTOWAY-BTR-5820G Datasheet
112Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5940G OPTOWAY-BTR-5940G Datasheet
110Kb / 4P
   1490 nm TX/ 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5940G OPTOWAY-BTRS-5940G Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5940G OPTOWAY-BTRS-5940G_09 Datasheet
140Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7940CG OPTOWAY-BTRS-7940CG Datasheet
118Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7820CG OPTOWAY-BTRS-7820CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7840CG OPTOWAY-BTRS-7840CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7940CG OPTOWAY-BTRS-7940CG_09 Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com