Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP3013-182K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SMP3013-182K-RC
Description  Surface Mount Power Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMP3013-182K-RC Datasheet(HTML) 1 Page - Allied Components International

  SMP3013-182K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMP3013-1R0K-RC
1.0
10
0.035
2780
1526
SMP3013-1R2K-RC
1.2
10
0.041
2690
1400
SMP3013-1R5K-RC
1.5
10
0.043
2030
1291
SMP3013-1R8K-RC
1.8
10
0.048
1950
1180
SMP3013-2R2K-RC
2.2
10
0.075
1690
1104
SMP3013-2R7K-RC
2.7
10
0.080
1550
936
SMP3013-3R3K-RC
3.3
10
0.108
1460
840
SMP3013-3R9K-RC
3.9
10
0.118
1390
732
SMP3013-4R7K-RC
4.7
10
0.125
1330
720
SMP3013-5R6K-RC
5.6
10
0.145
1110
612
SMP3013-6R8K-RC
6.8
10
0.165
1080
600
SMP3013-8R2K-RC
8.2
10
0.180
1020
600
SMP3013-100K-RC
10
10
0.216
946
564
SMP3013-120K-RC
12
10
0.252
912
516
SMP3013-150K-RC
15
10
0.288
858
432
SMP3013-180K-RC
18
10
0.328
817
420
SMP3013-220K-RC
22
10
0.384
694
348
SMP3013-270K-RC
27
10
0.425
657
324
SMP3013-330K-RC
33
10
0.538
568
270
SMP3013-390K-RC
39
10
0.600
488
270
SMP3013-470K-RC
47
10
0.792
467
246
SMP3013-560K-RC
56
10
0.900
442
216
SMP3013-680K-RC
68
10
1.020
384
174
SMP3013-820K-RC
82
10
1.380
362
150
SMP3013-101K-RC
100
10
1.680
347
132
SMP3013-121K-RC
120
10
1.800
327
111
SMP3013-151K-RC
150
10
2.040
272
106
SMP3013-181K-RC
180
10
2.400
261
89
SMP3013-221K-RC
220
10
2.648
223
72
SMP3013-271K-RC
270
10
4.320
191
60
SMP3013-331K-RC
330
10
4.800
179
57
SMP3013-391K-RC
390
10
5.640
171
48
SMP3013-471K-RC
470
10
6.000
161
41
SMP3013-561K-RC
560
10
6.960
138
35
SMP3013-681K-RC
680
10
8.760
130
30
SMP3013-821K-RC
820
10
9.960
113
26
SMP3013-102K-RC
1000
10
11.16
105
22
SMP3013-122K-RC
1200
10
14.00
85
20
SMP3013-152K-RC
1500
10
18.00
75
18
SMP3013-182K-RC
1800
10
23.00
60
16
SMP3013-222K-RC
2200
10
29.00
55
14
SMP3013-272K-RC
2700
10
36.00
50
12
SMP3013-332K-RC
3300
10
42.00
40
10
SMP3013-392K-RC
3900
10
52.00
35
8
SMP3013-472K-RC
4700
10
70.00
30
5
Allied
Part
Number
Incremental
Current
m’A DC
Inductance
(
µh)
Tolerance
(%)
Current Rating
Max.
DCR
Max.
(
Ω)
All specifications subject to change without notice.
SMP3013
Surface Mount Power Chip Inductor
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
06/25/10
Features
• SMD Molded Construction
• RoHS Compliant
• Tape and Reel for Auto Placement
• Wide Inductance Range
Electrical
Inductance Range: 1.0µh ~ 4,700µh
Tolerance: 10% over entire range
Test Frequency:
1KHz over entire
Operating Temp: -55ºC to +125ºC
IDC: The current at which the inductance
will drop no more than 5% of its initial
Test Equipment
(L):
HP4263B
(IDC): 11021 Current Source & DCR Meter
(RDC):
HP4263B Current Source and
DCR Meter
Physical
Packaging: 1500 pieces/reel.
Marking: EIA Inductance Code.
Current Rating:
Based on a 40º Temp Rise
value with no DC current.
Also available in tighter tolerances
Inductance Range
Resistance to Solder Heat
Reflow 260ºC 10 seconds
mA DC
.3125±0.0125
(7.938±.318)
.135±.010
(3.429±0.254)
.115±0.01
(2.92±.254)
.05±0.01
(1.27±.254)
.02 min.
(.508 min)
0.070 Nom
(1.78 Nom)
Dimensions:
Inches
(mm)
.190 Nom
(4.83 Nom)


Similar Part No. - SMP3013-182K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMP3013-182K-RC ALLIED-SMP3013-182K-RC Datasheet
1Mb / 1P
   Surface Mount Power Chip Inductor
More results

Similar Description - SMP3013-182K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMP3013 ALLIED-SMP3013 Datasheet
1Mb / 1P
   Surface Mount Power Chip Inductor
logo
NIC-Components Corp.
NMLQ NIC-NMLQ Datasheet
179Kb / 3P
   Surface Mount Chip Inductor
logo
Caliber Electronics Inc...
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-201212 ETC2-LSML-201212 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
   Surface Mount Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-321611 ETC2-LSML-321611 Datasheet
26Kb / 1P
   Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
   Surface Mount Multilayer Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com