Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-9780-1510G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-9780-1510G
Description  1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-9780-1510G Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-9780-1510G Datasheet HTML 1Page - Optoway Technology Inc BTRS-9780-1510G Datasheet HTML 2Page - Optoway Technology Inc BTRS-9780-1510G Datasheet HTML 3Page - Optoway Technology Inc BTRS-9780-1510G Datasheet HTML 4Page - Optoway Technology Inc BTRS-9780-1510G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTRS-9780-1510G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2009 V2.0
1
BTRS-9780-1510G / BTRS-9780-1510-SPG / BTRS-9780A-1510G / BTRS-9780A-1510-SPG
1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Single Fiber WDM Transceiver
l Speed up to 2.67 Gbps
l 1510 nm DFB LD Transmitter
l High Sensitivity 1590 nm APD Receiver
l Distance Up to 80 km
l Single +3.3 V Power Supply
l RoHS Compliant
l PECL Differential Inputs and Outputs
l LVTTL Signal Detect Output
l 0 to 70oC Operating: BTRS-9780-1510G
l -20 to 85oC Operating: BTRS-9780A-1510G
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l SONET/SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The BTRS-9780-1510G series is high performance module
for single fiber communications by using 1510 nm
transmitter and 1590 nm receiver. The transmitter section
uses a multiple quantum well 1510 nm DFB laser and is a
class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1590 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry. LV-TTL
Signal Detect is used.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Speed
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
BTRS-9780-1510G
2.5 / 1.25
80
1510 DFB
1590
3.3
2X5 SC
0 to 70
3 to -2
-28
BTRS-9780A-1510G 2.5 / 1.25
80
1510 DFB
1590
3.3
2X5 SC
-20 to 85
3 to -2
-28
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
BTRS-9780-1510G
BTRS-9780A-1510G
Air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Power supply Current
Icc,TX+Icc,RX
220
280
mA
Operating Temperature
Topr
0
-20
70
85
oC / BTRS-9780-1510G
oC / BTRS-9780A-1510G
air flow 1m/sec
Data Rate
0.622
2.488
2.67
Gb/s


Similar Part No. - BTRS-9780-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9780-1510G OPTOWAY-BTRS-9780-1510G Datasheet
118Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
More results

Similar Description - BTRS-9780-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9780-1590G OPTOWAY-BTRS-9780-1590G_09 Datasheet
119Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9780-1510G OPTOWAY-BTRS-9780-1510G Datasheet
118Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9780-1590G OPTOWAY-BTRS-9780-1590G Datasheet
118Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9720G OPTOWAY-BTRS-9720G_09 Datasheet
119Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9605G OPTOWAY-BTRS-9605G_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9620G OPTOWAY-BTRS-9620G_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9705G OPTOWAY-BTRS-9705G_09 Datasheet
119Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9640G OPTOWAY-BTRS-9640G_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9740G OPTOWAY-BTRS-9740G_09 Datasheet
119Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
SPB-97120-1510G OPTOWAY-SPB-97120-1510G Datasheet
176Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com