Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5128-1490-VSS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-5128-1490-VSS
Description  1490 nm DFB LASER DIODE MODULE UNCOOLED MQWDFB LD WITH PIGTAIL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5128-1490-VSS Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5128-1490-VSS Datasheet HTML 1Page - Optoway Technology Inc DL-5128-1490-VSS Datasheet HTML 2Page - Optoway Technology Inc DL-5128-1490-VSS Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
DL-5300-1490
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
1490 nm DFB LASER DIODE MODULE
DL-5300-1490 Series
UNCOOLED MQW DFB LD WITH PIGTAIL
********************************************************************************************************************************************************
FEATURES
² 1490 nm Uncooled Laser Diode with MQW Structure
² High Reliability, Long Operation Life
² Single Frequency Operation with High SMSR
² 0 to 70oC operation without active cooling
² Build-in InGaAs monitor
APPLICATION
Trunk Line, OTDR
DESCRIPTION
DL-5300-1490 series are designed for coupling a single mode optical fiber with 1490 nm MQW DFB
uncooled laser diode. These modules are ideally suitable for long reach and intermediate reach OC-3,
OC-12, and Gigabit Ethernet transmission application.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, IF= Ith+20mA
1.2
1.5
V
Pf
Optical Output Power
Part No: DL-532XX-1490
DL-533XX-1490
DL-534XX-1490
CW, IF= Ith+20mA
1.0
2.0
3.0
2.0
3.0
-
mW
λc
Center Wavelength
CW, Po= P f
1483
1490
1495
nm
SMSR
Side Mode Suppression Ratio CW, Ith+20mA
30
35
dB
t r, t f
Rise And Fall Times
Part No: DL-53XX-1490
DL-53XXS-1490
IF=Ith, Ith+20mA , 20~ 80%
226
150
ps
ΔP f / P f
Tracking Error
APC, 0~+70 ºC
-1.5
1.5
dB
Im
PD Monitor Current
CW, Ith+20mA ,VRD=1V
100
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
(532XX/533XX)
1.5/3
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
10
V
IFD
PD Forward Current
1.0
mA
Topr
Operating Temperature
0 to 70
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - DL-5128-1490-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5128-1490 OPTOWAY-DL-5128-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5128-1490 OPTOWAY-DL-5128-1490 Datasheet
117Kb / 3P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results

Similar Description - DL-5128-1490-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5500-1490 OPTOWAY-DL-5500-1490_07 Datasheet
121Kb / 4P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQWDFB LD WITH RECEPTACLE
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1490 OPTOWAY-DL-5500-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com