Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5140S-1490-HSS Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # DL-5140S-1490-HSS
Description  1490 nm DFB LASER DIODE MODULE UNCOOLED MQWDFB LD WITH PIGTAIL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5140S-1490-HSS Datasheet(HTML) 3 Page - Optoway Technology Inc

  DL-5140S-1490-HSS Datasheet HTML 1Page - Optoway Technology Inc DL-5140S-1490-HSS Datasheet HTML 2Page - Optoway Technology Inc DL-5140S-1490-HSS Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optoway
DL-5300-1490
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
ORDER INFORMATION
Part No.: D
L
− 5 3 □ □ □ − 1 4 9 0 − □
□ □ □
Code
Pout (mW)
Code
Flange
Code
Isolator
2
1
V
Vertical
Blank
No
3
2
H
Horizontal
S
Single-Stage
4
3
X
No Flange
Code
Pin Assignment
Code
Connector
0
Type A
S
SC/PC
5
Type B
F
FC/PC
8
Type C
T
ST/PC
L
LC/PC
Code
Speed
X
No connector
Blank
1.25 Gbps
SA
SC/APC
S
2.5 Gbps
FA
FC/APC
TA
ST/APC
LA
LC/APC
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/3/1
2.0
1. Combine 1.25G and 2.5G characteristics in one data sheet
2. Add 3mW products
2007/12/1


Similar Part No. - DL-5140S-1490-HSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5140S-1490 OPTOWAY-DL-5140S-1490 Datasheet
117Kb / 3P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results

Similar Description - DL-5140S-1490-HSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5500-1490 OPTOWAY-DL-5500-1490_07 Datasheet
121Kb / 4P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQWDFB LD WITH RECEPTACLE
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
   1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1490 OPTOWAY-DL-5500-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com