Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5100S-C310 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-5100S-C310
Description  1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5100S-C310 Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5100S-C310 Datasheet HTML 1Page - Optoway Technology Inc DL-5100S-C310 Datasheet HTML 2Page - Optoway Technology Inc DL-5100S-C310 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
DL-5100-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
1270 nm ~ 1610 nm DFB LASER DIODES
DL-5100-CXX0 SERIES
CWDM MQW-DFB LASER DIODES
*******************************************************************************************************************************************************
FEATURES
² 18-wavelength CWDM: from 1270 nm to 1610 nm, each Step 20 nm
² High reliability, long operation life
² 0 ºC ~+70 ºC operation
² Single frequency operation with high SMSR
² Up to 2.5 Gb/s Operation
² Build-in InGaAs monitor
² Flat Window Cap Package (DL-510XX-CXX0)
² Aspherical Lens Cap Package (DL-512XX-CXX0)
² 2 mm Ball Lens Cap Package (DL-514XX-CXX0)
APPLICATION
Optical communication system
DESCRIPTION
DL-5100-CXX0 series are CWDM MQW-DFB laser diodes that provide a durable, single frequency
oscillation with emission wavelength from 1270 nm to 1610 nm, each step 20 nm.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(Tc=25°C, Pop=5mW, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
IOP
Operating Current
CW, Pop=5mW
35
50
mA
VOP
Operating Voltage
CW, Pop=5mW
1.2
1.5
V
η
Slope Efficiency
Part No:DL-510XX-CXX0
DL-512XX-CXX0
DL-514XX-CXX0
CW, Pop=5mW
0.15
0.18
0.15
0.25
0.22
0.22
mW/mA
λc
Center Wavelength
CW, Pop=5mW
λ-3
λ
λ+2
nm
SMSR
Side Mode Suppression Ratio
CW, Pop=5mW
30
35
dB
θ
Beam Divergence
(Parallel)
CW, Flat Window
25
deg.
θ⊥
Beam Divergence
(Perpendicular)
CW, Flat Window
35
deg.
t r, t f
Rise And Fall Times
Part No: DL-510XX-CXX0
DL-510XXS-CXX0
CW, Pop=5mW
226
150
ps
Im
PD Monitor Current
IF=Ith, 20~ 80%, Pop=5mW
50
1500
μA
ID
PD Dark Current
CW, VRD=1V
10
nA
Ct
PD Capacitance
VRD=5V
10
15
pF
Pf
Fiber Coupled Power
Part No: DL-512XX-CXX0
DL-514XX-CXX0
VRD=5V, f=1MHz,
Pop=5mW
1.5
0.5
mW
Note: Central CWDM wavelength is from 1270 nm to 1610 nm, each step 20 nm.


Similar Part No. - DL-5100S-C310

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5100S-C310 OPTOWAY-DL-5100S-C310 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-C310 OPTOWAY-DL-5100S-C310 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
More results

Similar Description - DL-5100S-C310

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com