Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20-05 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB20-05
Description  50V, 2A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20-05 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB20-05 Datasheet HTML 1Page - Sanyo Semicon Device SB20-05 Datasheet HTML 2Page - Sanyo Semicon Device SB20-05 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB20-05F
No.2992-2/3


Similar Part No. - SB20-05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05 SANYO-SB20-05 Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
   50V, 2A Rectifier
More results

Similar Description - SB20-05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
   50V, 2A Rectifier
SB20W05T SANYO-SB20W05T Datasheet
82Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20W05Z SANYO-SB20W05Z Datasheet
71Kb / 2P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20-05Z SANYO-SB20-05Z Datasheet
68Kb / 2P
   50V, 2A Rectifier
SB20W05V SANYO-SB20W05V Datasheet
70Kb / 2P
   50V, 2A Rectifier
logo
PFC Device Inc.
PFA2V50 PFC-PFA2V50 Datasheet
562Kb / 5P
   2A 50V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com