Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-4840ARLWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-4840ARLWG
Description  6.144 Gbps / 1270 nm TX / 1330 nm RX / 40 km Digital DiagnosticMulti-Rate CPRI SMSFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4840ARLWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-4840ARLWG Datasheet HTML 1Page - Optoway Technology Inc SPB-4840ARLWG Datasheet HTML 2Page - Optoway Technology Inc SPB-4840ARLWG Datasheet HTML 3Page - Optoway Technology Inc SPB-4840ARLWG Datasheet HTML 4Page - Optoway Technology Inc SPB-4840ARLWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-4840RLWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1
V2.0
1
SPB-4840RLWG / SPB-4840BRLWG / SPB-4840ARLWG
(RoHS Compliant)
6.144 Gbps / 1270 nm TX / 1330 nm RX / 40 km Digital Diagnostic Multi-Rate CPRI SM SFP+
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l CPRI / OBSAI Compatible Optical Interface
l 1 G to 6.25 G Multi-rate Specification
l Compliant with SFP+ MSA
l SFF-8472 Digital Diagnostic Function
l Simplex LC Connector
l 1270 nm DFB LD Transmitter
l 1330 nm Receiver
l Distance Up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-4840RLWG
l -10 to 85oC Operating: SPB-4840BRLWG
l -40 to 85oC Operating: SPB-4840ARLWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Radio Base Station
l OBSAI rates 6.144 Gb/s, 3.072 Gb/s, and 1.563 Gb/s
l CPRI rates 4.9152 Gb/s, 2.4576 Gb/s, and 1.2288 Gb/s
DESCRIPTION
The SPB-4840RLWG is a 1 to 6.25 Gb/s single-mode
transceiver module for serial optical communication
applications for a radio base station system by using 1270
nm transmitter and 1330 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C series bus
specified in the SFP MSA SFF-8472.
The transmitter
section uses a multiple quantum well 1270 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1330 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-4840RLWG
1 to 6.25
40
1270 DFB
1330
LC SFP+ with DMI
0 to 70
Yes
SPB-4840BRLWG
1 to 6.25
40
1270 DFB
1330
LC SFP+ with DMI
-10 to 85
Yes
SPB-4840ARLWG
1 to 6.25
40
1270 DFB
1330
LC SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPB-4840RLWG
SPB-4840BRLWG
SPB-4840ARLWG
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Power Supply Current
ICC (TX+RX)
270
320
mA
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPB-4840LWG
oC / SPB-4840BLWG
oC / SPB-4840ALWG
Data Rate
1
6.25
Gb/s


Similar Part No. - SPB-4840ARLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4840BLG OPTOWAY-SPB-4840BLG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4840BLWG OPTOWAY-SPB-4840BLWG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4840LG OPTOWAY-SPB-4840LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4840LWG OPTOWAY-SPB-4840LWG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
SPB-4840LWG OPTOWAY-SPB-4840LWG_15 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-4840ARLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4940RLWG OPTOWAY-SPB-4940RLWG Datasheet
169Kb / 5P
   6.144 Gbps / 1330 nm TX / 1270 nm RX / 40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4810RLWG OPTOWAY-SPB-4810RLWG Datasheet
169Kb / 5P
   6.144 Gbps / 1270 nm TX / 1330 nm RX / 10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG OPTOWAY-SPB-4910RLWG Datasheet
169Kb / 5P
   6.144 Gbps / 1330 nm TX / 1270 nm RX / 10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4920RLWG OPTOWAY-SPB-4920RLWG Datasheet
169Kb / 5P
   6.144 Gbps / 1330 nm TX / 1270 nm RX / 20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG Datasheet
169Kb / 5P
   6.144 Gbps / 1270 nm TX / 1330 nm RX / 20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPS-4140RWG OPTOWAY-SPS-4140RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 40 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4170RWG OPTOWAY-SPS-4170RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 70 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4110RWG OPTOWAY-SPS-4110RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 10 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPS-4120RWG OPTOWAY-SPS-4120RWG Datasheet
167Kb / 5P
   6.144 Gbps / 1310 nm / 20 km Digital Diagnostic Multi-Rate CPRI SMSFP
SPB-4840RLWG OPTOWAY-SPB-4840RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com