Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5201 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L5201
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5201 Datasheet(HTML) 7 Page - Unisonic Technologies

  L5201 Datasheet HTML 1Page - Unisonic Technologies L5201 Datasheet HTML 2Page - Unisonic Technologies L5201 Datasheet HTML 3Page - Unisonic Technologies L5201 Datasheet HTML 4Page - Unisonic Technologies L5201 Datasheet HTML 5Page - Unisonic Technologies L5201 Datasheet HTML 6Page - Unisonic Technologies L5201 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
L5201
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-107,A
TYPICAL CHARACTERISTICS(Cont.)
-40
-20
0
20
40
100
Output Voltage vs Temperature
60
80
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
VIN=3.0V
Temperature (℃)
IOUT=50mA
1200
1050
850
700
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
Frequency vs Supply Voltage
Ta = 25℃
1150
1100
1000
950
900
800
750
Ta = -40℃
Ta = 100℃
100
0
0.01
10
100
Load Current (mA)
30
70
Efficiency vs Load Current
40
40
50
80
0.1
1
1000
20
60
90
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
1200
1050
850
700
-40 -20
20
40
60
100
Frequency vs. Temperature
1150
1100
1000
950
900
800
750
0
80
Temperature(℃)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - L5201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
More results

Similar Description - L5201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com