Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20-05Z Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB20-05Z
Description  50V, 2A Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB20-05Z Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB20-05Z Datasheet HTML 1Page - Sanyo Semicon Device SB20-05Z Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB20-05Z
PS No.3875-2/2
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1998. Specifications and information herein are subject to
change without notice.


Similar Part No. - SB20-05Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05 SANYO-SB20-05 Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05 SANYO-SB20-05 Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
More results

Similar Description - SB20-05Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
   50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
   50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
   50V, 2A Rectifier
SB20W05T SANYO-SB20W05T Datasheet
82Kb / 3P
   50V, 2A Rectifier
SB20-05J SANYO-SB20-05J Datasheet
81Kb / 3P
   50V, 2A Rectifier
SB20W05Z SANYO-SB20W05Z Datasheet
71Kb / 2P
   50V, 2A Rectifier
SB20-05P SANYO-SB20-05P Datasheet
67Kb / 2P
   50V, 2A Rectifier
SB20W05V SANYO-SB20W05V Datasheet
70Kb / 2P
   50V, 2A Rectifier
logo
PFC Device Inc.
PFA2V50 PFC-PFA2V50 Datasheet
562Kb / 5P
   2A 50V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
   2A, 50V - 1400V Surface Mount Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com