Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD2985 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985 Datasheet(HTML) 4 Page - Unisonic Technologies

  LD2985_10 Datasheet HTML 1Page - Unisonic Technologies LD2985_10 Datasheet HTML 2Page - Unisonic Technologies LD2985_10 Datasheet HTML 3Page - Unisonic Technologies LD2985_10 Datasheet HTML 4Page - Unisonic Technologies LD2985_10 Datasheet HTML 5Page - Unisonic Technologies LD2985_10 Datasheet HTML 6Page - Unisonic Technologies LD2985_10 Datasheet HTML 7Page - Unisonic Technologies LD2985_10 Datasheet HTML 8Page - Unisonic Technologies LD2985_10 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 23
www.unisonic.com.tw
QW-R102-024.G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
ViN
16
V
INHIBIT Input Voltage
VINH
16
V
Output Current
IOUT
Internally limited
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
81
°C/W
ELECTRICAL CHARACTERISTICS
(TJ=25°C, VI N=VOUT+1V, IOUT=1mA, VSHDN=2V, CI =1μF, CO=1μF, unless otherwise specified)
FOR VOUT=1.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
16
V
VIN=2.5V
1.470
1.5
1.530
V
Output Voltage
VOUT
IOUT=1 ~ 150mA
1.455
1.545
V
Short Circuit Current
ISC
RL=0
400
mA
Line Regulation
V
OUT
VIN=VOUT+1V ~ 16V, IOUT=1mA
30
mV
IOUT=0
1
3
mV
TJ=-20 ~ 125°C, IOUT =0
5
mV
IOUT=1mA
7
10
mV
IOUT=1mA, TJ=-20 ~ 125°C
15
mV
IOUT=10mA
40
60
mV
IOUT=10mA, TJ=-20 ~ 125°C
90
mV
IOUT=50mA
120
150
mV
IOUT=50mA, TJ=-20 ~ 125°C
225
mV
IOUT=150mA
280
350
mV
Dropout Voltage
VD
IOUT=150mA, TJ=-20 ~ 125°C
575
mV
IOUT=0
80
100
μA
TJ=-20 ~ 125°C, IOUT=0
150
μA
IOUT=1mA
100
150
μA
IOUT=1mA, TJ=-20 ~ 125°C
200
μA
IOUT=10mA
200
300
μA
IOUT=10mA, TJ=-20 ~ 125°C
400
μA
IOUT=50mA
600
1050
μA
IOUT=50mA, TJ=-20 ~ 125°C
1200
μA
IOUT=150mA
2000
3000
μA
IOUT=150mA, TJ=-20 ~ 125°C
4000
μA
OFF MODE VINH<0.18V
0
μA
Quiescent Current
IQ
OFF MODE VINH<0.18V
TJ=-20 ~ 125°C
2
μA
Supply Voltage Rejection
SVR
CBYP=0.01μF, CO=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-20 ~ 125°C
0.15
V
Control Input Logic High
VIH
TJ=-20 ~ 125°C
2
V
TJ=-20 ~ 125°C, VSHDN=5V
5
15
μA
Control Input Current
IINH
TJ=-20 ~ 125°C, VSHDN=0V
0
-1
μA
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, CO=10μF
30
μV


Similar Part No. - LD2985_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
More results

Similar Description - LD2985_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD2985 ETL-LD2985 Datasheet
355Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com