Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100VW-2TG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPM-9100VW-2TG
Description  850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100VW-2TG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPM-9100VW-2TG Datasheet HTML 1Page - Optoway Technology Inc SPM-9100VW-2TG Datasheet HTML 2Page - Optoway Technology Inc SPM-9100VW-2TG Datasheet HTML 3Page - Optoway Technology Inc SPM-9100VW-2TG Datasheet HTML 4Page - Optoway Technology Inc SPM-9100VW-2TG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPM-9100VW-2TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2008 V1.0
4
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
100
Ω Differential
TX1 -
TX1 +
Vcc_TX1
Vcc_TX2
TX2 +
TX2 -
TX2_DIS
TX1_DIS
20
18
19
16
15
8
9
17
VCC 3.3V
10
NC
TX2_DIS
TX1_DIS
SCL
SDA
10K
5
6
NC
NC
NC
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
10K
TD +
TD -
Re-Clocker
I2C DATA
I2C CLK
TD -
TD +
Re-Clocker
VCC 3.3V
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Specifications subject to change without notice.


Similar Part No. - SPM-9100VW-2TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-2TG OPTOWAY-SPM-9100VW-2TG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-2TG OPTOWAY-SPM-9100VW-2TG_15 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-2TG_2015 OPTOWAY-SPM-9100VW-2TG_2015 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
More results

Similar Description - SPM-9100VW-2TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100VW-1TG OPTOWAY-SPM-9100VW-1TG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-1T1RG OPTOWAY-SPM-9100VW-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Digital Diagnostic Transmitter/Receiver
SPM-9100V-2TG OPTOWAY-SPM-9100V-2TG Datasheet
119Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Transmitter
SPM-9100VW-2RG OPTOWAY-SPM-9100VW-2RG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100VW-2TG_2015 OPTOWAY-SPM-9100VW-2TG_2015 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100VW-1RG OPTOWAY-SPM-9100VW-1RG Datasheet
145Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100V-1TG OPTOWAY-SPM-9100V-1TG Datasheet
144Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Transmitter
SPM-9100VW-2TG OPTOWAY-SPM-9100VW-2TG_15 Datasheet
112Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Digital Diagnostic Transmitter
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100VW-1TG OPTOWAY-SPM-9100VW-1TG_15 Datasheet
143Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com