Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9130V-1T1RG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-9130V-1T1RG
Description  1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9130V-1T1RG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-9130V-1T1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9130V-1T1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9130V-1T1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9130V-1T1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9130V-1T1RG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPS-9130V-1TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009 V1.0
4
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
TX -
TX +
Vcc_TX
NC
NC
NC
NC
TX_DIS
20
18
19
16
15
8
9
17
VCC 3.3V
10
NC
TX_DIS
SCL
SDA
10K
5
6
NC
NC
NC
Vee
Vee
NC
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
10K
TD +
TD -
Re-Clocker
I2C DATA
I2C CLK
VCC 3.3V
100nF
10uF
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Since the SPS-9110VW-1TG is single channel device, the receptacle for channel 2 is not used.


Similar Part No. - SPS-9130V-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9130V-1T1RG_2015 OPTOWAY-SPS-9130V-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
More results

Similar Description - SPS-9130V-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350V-1TG OPTOWAY-SPS-9350V-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
SPS-9110V-1TG OPTOWAY-SPS-9110V-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9110V-1T1RG OPTOWAY-SPS-9110V-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-7110V-1TG OPTOWAY-SPS-7110V-1TG Datasheet
141Kb / 5P
   1310 nm / 1.5 Gb/s Medium Power Single Optical SMTransmitter
SPS-7110V-1T1RG OPTOWAY-SPS-7110V-1T1RG Datasheet
147Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9350V-1T1RG OPTOWAY-SPS-9350V-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110V-2TG OPTOWAY-SPS-9110V-2TG Datasheet
116Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com