Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9310VW-CXX1RG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-9310VW-CXX1RG
Description  CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9310VW-CXX1RG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-9310VW-CXX1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9310VW-CXX1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9310VW-CXX1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9310VW-CXX1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9310VW-CXX1RG Datasheet HTML 5Page - Optoway Technology Inc SPS-9310VW-CXX1RG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPS-9310VW-CXX1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V2.0
5
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
ΩDifferential
RX-
RX+
Vcc_TX
Vcc_RX
NC
TX_FAULT
NC
TX_DIS
16
15
8
9
17
VCC3.3V
10
RX_LOS
SCL
SDA
4.7K
5
6
NC
TX-
TX+
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
4.7K
RD -
RD +
Re-Clocker
I2C DATA
I2C CLK
VCC3.3V
20
TX_DIS
100
ΩDifferential
18
19
TD+
TD-
Re-Clocker
TX_FAULT
RX_LOS
4.7K
4.7K
VCC3.3V
VCC3.3V
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Specifications subject to change without notice.


Similar Part No. - SPS-9310VW-CXX1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9310VW-CXX1RG OPTOWAY-SPS-9310VW-CXX1RG_15 Datasheet
151Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9310VW-CXX1RG_2015 OPTOWAY-SPS-9310VW-CXX1RG_2015 Datasheet
151Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results

Similar Description - SPS-9310VW-CXX1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350VW-CXX1RG OPTOWAY-SPS-9350VW-CXX1RG Datasheet
154Kb / 6P
   CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9380VW-CXX1RG OPTOWAY-SPS-9380VW-CXX1RG Datasheet
154Kb / 6P
   CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9330VW-CXX1RG OPTOWAY-SPS-9330VW-CXX1RG Datasheet
154Kb / 6P
   CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9310VW-CXX1RG_2015 OPTOWAY-SPS-9310VW-CXX1RG_2015 Datasheet
151Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9350VW-CXX1RG OPTOWAY-SPS-9350VW-CXX1RG_15 Datasheet
150Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9380VW-CXXG OPTOWAY-SPS-9380VW-CXXG Datasheet
145Kb / 5P
   CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-1T1RG_2015 OPTOWAY-SPS-9380VW-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9330VW-CXX1RG OPTOWAY-SPS-9330VW-CXX1RG_15 Datasheet
150Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com