Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASY-007028-0002TR Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-0002TR
Description  Synthesizer, SMT for RFID
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-0002TR Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MASY-007028-0002TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MASY-007028-0002TR Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Harmonics vs. Frequency: VDD1 & VDD2 = 3.3V, 25
°C
MASY-007028-000100, US Band
Harmonics vs. Frequency: VDD1 & VDD2 = 3.3V, 25
°C
MASY-007028-000100, European Band
Output Power vs. Temperature: VDD1 & VDD2 = 3.3V
MASY-007028-000200, Japanese Band
Typical Performance Curves
SSB Phase Noise
MASY-007028-000100, US & European Band
-40.0
-35.0
-30.0
-25.0
-20.0
902.65
902.75
915.25
927.25
927.35
Fre que ncy (MHz )
2nd harmonic
3rd harmonic
-40.0
-35.0
-30.0
-25.0
-20.0
865.00
865.10
866.50
867.90
868.00
Fre que ncy (MHz )
2nd harmonic
3rd harmonic
2.0
3.0
4.0
5.0
6.0
7.0
952.20
953.00
953.80
Fre que ncy (MHz )
-30ºC
+25ºC
+70ºC
-160.0
-145.0
-130.0
-115.0
-100.0
-85.0
-70.0
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Fre que ncy (Hz )


Similar Part No. - MASY-007028-0002TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-0002TR MACOM-MASY-007028-0002TR Datasheet
481Kb / 12P
   Synthesizer, SMT for RFID Covering all UHF Bands
More results

Similar Description - MASY-007028-0002TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-000100 MACOM-MASY-007028-000100 Datasheet
481Kb / 12P
   Synthesizer, SMT for RFID Covering all UHF Bands
logo
NIHON DEMPA KOGYO
WF999A0953CG NDK-WF999A0953CG Datasheet
88Kb / 1P
   SAW Filter for RFID For RFID (3-MHz Band)
logo
Tyco Electronics
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
   Synthesizer , SMT 400 MHz
logo
Kemet Corporation
M4100-240X240T0800 KEMET-M4100-240X240T0800 Datasheet
520Kb / 10P
   Magnetic Sheet for RFID
logo
TDK Electronics
IFL04 TDK-IFL04 Datasheet
137Kb / 8P
   Magnetic Sheets for RFID
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
   Magnetic Sheets for RFID
Ver.5.0 May. 2023
logo
BOWEI Integrated Circui...
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
   SMT X band phase locked synthesizer
logo
Tyco Electronics
MAVC-060000-530768 MACOM-MAVC-060000-530768 Datasheet
196Kb / 3P
   Synthesizer , SMT Fixed Frequency, 768 MHz
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
   Synthesizer , SMT Fixed Frequency, 144 MHz
logo
TDK Electronics
IRLG5AB300X200X0.5 TDK-IRLG5AB300X200X0.5 Datasheet
47Kb / 3P
   Magnetic Sheets for RFID Flexield
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com