Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASY-007028-000200 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-000200
Description  Synthesizer, SMT for RFID
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-000200 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASY-007028-000200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-000200 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
14,15,16
14. Corner locators are needed for manual placement and are strongly recommended.
15. Soldermask should be line to line with the pads on the bottom of the part.
16. Soldermask should be cleared 15 mils outside the corner locators. This ensures that they are easily visible.


Similar Part No. - MASY-007028-000200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-000200 MACOM-MASY-007028-000200 Datasheet
481Kb / 12P
   Synthesizer, SMT for RFID Covering all UHF Bands
More results

Similar Description - MASY-007028-000200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-000100 MACOM-MASY-007028-000100 Datasheet
481Kb / 12P
   Synthesizer, SMT for RFID Covering all UHF Bands
logo
NIHON DEMPA KOGYO
WF999A0953CG NDK-WF999A0953CG Datasheet
88Kb / 1P
   SAW Filter for RFID For RFID (3-MHz Band)
logo
Tyco Electronics
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
   Synthesizer , SMT 400 MHz
logo
Kemet Corporation
M4100-240X240T0800 KEMET-M4100-240X240T0800 Datasheet
520Kb / 10P
   Magnetic Sheet for RFID
logo
TDK Electronics
IFL04 TDK-IFL04 Datasheet
137Kb / 8P
   Magnetic Sheets for RFID
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
   Magnetic Sheets for RFID
Ver.5.0 May. 2023
logo
BOWEI Integrated Circui...
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
   SMT X band phase locked synthesizer
logo
Tyco Electronics
MAVC-060000-530768 MACOM-MAVC-060000-530768 Datasheet
196Kb / 3P
   Synthesizer , SMT Fixed Frequency, 768 MHz
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
   Synthesizer , SMT Fixed Frequency, 144 MHz
logo
TDK Electronics
IRLG5AB300X200X0.5 TDK-IRLG5AB300X200X0.5 Datasheet
47Kb / 3P
   Magnetic Sheets for RFID Flexield
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com