Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAVC-010000-001515 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAVC-010000-001515
Description  VCO, SMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVC-010000-001515 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAVC-010000-001515 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVC-010000-001515 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
VCO, SMT
1450-1580 MHz
Rev. VD
MAVC-010000-002140
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Performance, Low Cost
• Low Phase Noise
• Miniature SMT Package (LSM1)
• RoHs Compliant
Description
This VCO, in a SMT package, provides electrical shielding, easy
PCB assembly and repeatable performance. The oscillator is
designed for use in wireless base stations and other applica-
tions.
M/A-COM VCOs are manufactured in an ISO9001 certified facil-
ity, incorporating surface mount assembly and automated elec-
trical testing. This ensures consistent electrical performance
and quality over volume production quantities.
Devices are designed to function after exposure to the shock,
vibration, thermal shock and moisture conditions typically en-
countered in base station and other infrastructure environments.
Electrical Specifications
1:
TA = +25°C, Z0 = 50 Ohms, Vcc = 5V.
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
Over Top
2
MHz
1450
1580
RF Output Power
Over VCC and Top
2
dBm
0
1.5
3.0
Tuning Voltage
Over Top
2
V
0.5
11.0
Phase Noise
SSB at 10 kHz offset from carrier
SSB at 100 kHz offset from carrier
dBc/Hz
-105
-125
-102
-122
Tuning Sensitivity
MHz/V
17
Harmonic Output
dBc
-20
-10
Frequency Pushing
VCC = +5.25V ± 0.25V
kHz/V
3.5
Frequency Pulling
1.5:1 VSWR load, all phases
kHz
1.0
2.0
Frequency Drift
Over Top
2
kHz/°C
-0.08
Tune Input Capacitance
pF
50
Supply Voltage (VCC)
VCO oscillates
V
+4.50
+5.00
+5.50
Supply current
mA
30
1. All specification limits are indicated values @ +25 ºC and apply over Fout unless otherwise stated.
2. See Absolute Maximum Ratings for operating temperature.
Rev:
D
Pin Configuration
Pin No.
Function
1
RF Output
2
VCC
3
Vtune
4
GND


Similar Part No. - MAVC-010000-001515

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVC-010000-001865 MA-COM-MAVC-010000-001865 Datasheet
122Kb / 2P
   VCO, SMT
More results

Similar Description - MAVC-010000-001515

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVC-010000-002140 MA-COM-MAVC-010000-002140 Datasheet
122Kb / 2P
   VCO, SMT
MAVC-010000-002593 MA-COM-MAVC-010000-002593 Datasheet
122Kb / 2P
   VCO, SMT
MAVC-010000-000080 MA-COM-MAVC-010000-000080 Datasheet
92Kb / 2P
   VCO, SMT
MAVC-010000-002196 MA-COM-MAVC-010000-002196 Datasheet
121Kb / 2P
   VCO, SMT
MAVC-010000-000080 MA-COM-MAVC-010000-000080_15 Datasheet
92Kb / 2P
   VCO, SMT
MAVC-010000-000045 MA-COM-MAVC-010000-000045 Datasheet
87Kb / 2P
   VCO, SMT
MAVC-010000-002140 MA-COM-MAVC-010000-002140 Datasheet
122Kb / 2P
   VCO, SMT
MAVC-010000-000045 MA-COM-MAVC-010000-000045_15 Datasheet
87Kb / 2P
   VCO, SMT
MAVC-010000-002196 MA-COM-MAVC-010000-002196_15 Datasheet
121Kb / 2P
   VCO, SMT
MAVC-010000-002593 MA-COM-MAVC-010000-002593_15 Datasheet
122Kb / 2P
   VCO,SMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com