Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9380V-1RG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9380V-1RG
Description  1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9380V-1RG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9380V-1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9380V-1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9380V-1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9380V-1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9380V-1RG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9380V-2TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
1
SPS-9380V-2TG
(RoHS Compliant)
1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Designed for Dispersion Penalty 1600 ps/nm
l Speed from 50 Mbps to 3Gbps with up to 80 km
Single-mode Fiber
l Distance up to 80 km for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Dual Transmitter with Duplex LC
l Based on Industry Standard SFP
l Two Independent TTL Laser Disable Input
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-9380V-2TG is a dual channel optical single mode
transmitter module designed to transmit optical serial
digital signals as defined in SMPTE 297-2006. It supports
from 50 Mbps to 3 Gbps and is specifically designed for
transmitted the SMPTE 259M, SMPTE 344M, SMPTE
292M and SMPTE 424M SDI pathological patterns.
It is
with the SFP 20-pin connector to allow hot plug capability.
It is with two independent 1310 nm laser transmitters. Each
transmitter can transmit signal from 50 Mbps to 3 Gbps up
to
80
km of single-mode
fiber
when
using
the
SPS-9380V-2RG as the receiver. A maximum distance of
80 km is achievable with 3Gbps pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9380V-2TG
2-TX
50 to 3000 1550 DFB
4 to 0
LC SFP
0 to 70
Yes
RELATED PRODUCTS
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9380V-2RG
2-RX
50 to 3000
1260/1620 -9 to -28
LC SFP
0 to 70
Yes
SPS-9380V-1TG
1-TX
50 to 3000 1550 DFB
4 to 0
LC SFP
0 to 70
Yes
SPS-9380V-1RG
1-RX
50 to 3000
1260/1620 -9 to -28
LC SFP
0 to 70
Yes
SPS-9380V-1T1RG
1-TX+1-RX 50 to 3000 1550 DFB
4 to 0
1260/1620 -9 to -28
LC SFP
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
80
HD-SDI
1.485Gbps
80
SPS-9380V-2TG or
SPS-9380V-1TG or
SPS-9380V-1T1RG
SPS-9380V-2RG or
SPS-9380V-1RG or
SPS-9380V-1T1RG
SD-SDI
270Mbos
80


Similar Part No. - SPS-9380V-1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG Datasheet
140Kb / 5P
   1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG_15 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9380V-1RG_2015 OPTOWAY-SPS-9380V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
More results

Similar Description - SPS-9380V-1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120V-2TG OPTOWAY-SPS-93120V-2TG Datasheet
117Kb / 5P
   1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9350V-2TG OPTOWAY-SPS-9350V-2TG Datasheet
116Kb / 5P
   1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9380V-1TG OPTOWAY-SPS-9380V-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SM Transmitter
SPS-93120V-1TG OPTOWAY-SPS-93120V-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9380V-1T1RG OPTOWAY-SPS-9380V-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SM Transmitter/Receiver
SPS-9380VW-2TG OPTOWAY-SPS-9380VW-2TG Datasheet
117Kb / 5P
   1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9350VW-2TG OPTOWAY-SPS-9350VW-2TG Datasheet
117Kb / 5P
   1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-93120VW-2TG OPTOWAY-SPS-93120VW-2TG Datasheet
117Kb / 5P
   1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110V-2TG OPTOWAY-SPS-9110V-2TG Datasheet
116Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9130V-2TG OPTOWAY-SPS-9130V-2TG Datasheet
116Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com