Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP400-60THN Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP400-60THN
Description  400 Watts ATX12V 2.0 Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP400-60THN Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP400-60THN Datasheet HTML 1Page - Sparkle Power Inc. FSP400-60THN Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Characteristics
Input Range: ±10% of 115/230V AC, Manual selection
Frequency: 47~63Hz
Input Current 10A/115Vac(rms), 5A/230Vac(rms)
Inrush Current: 90A max cold start, 120A warm measured at
264rms/50Hz
Features
Complied with ATX12V 2.0 standard
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included
Noise Killer (Thermal fan speed control function)
Low noise and ripple
Complies with FCC part 15 subpart J Class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL 60950, CSA C22.2 Level 3, TUV EN60950,
NEMKO (CB Report)
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP400-60THN
400 Watts ATX12V 2.0 Switching Power Supply
Specification
Operating Temperature Range: 0°C ~ 50°C, 25°C On
400W, 50°C On 350W, De-rate 2W/°C.
Storage & Shipping Temperature Range:-20°C~65°C
Humidity: 90% on operating and 95% on storage
Dielectric Withstand: Input to frame ground 1800V AC
for 1 second
Efficiency: 70% Min at 115/230AC On Full load
Rise Time: Less than 20ms on all output
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Not exceed 3.5mA
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 150x86x140mm/6”x3.4”x5.5”
inches
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645
Output Characteristics
Output Voltage
Min Load
Normal Load
Max Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.5A
15A
30A
± 5%
± 1%
50mV P-P
+5V
1.0A
14A
28A
± 5%
± 1%
50mV P-P
+12V1
1.0A
7A
14.0A
± 5%
± 1%
120mV P-P
+12V2
1.0A
8.5A
15.0A
± 5%
± 1%
120mV P-P
-12V
0.0A
0.4A
0.5A
± 10%
± 2%
120mV P-P
+5Vsb
0.0A
1A
2.0 A
± 5%
± 1%
50mV P-P
*+5V and +3.3V total output not exceed 150W
*When +3.3V is load on 30A, the +5V maximum load is 10.0A
*When +3.3V is load on 3.0A, the +5V maximum load is 28A
*+3.3V, +5V, +12V1, and +12V2 total output not exceed 385W


Similar Part No. - FSP400-60THN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP400-60THA SPI-FSP400-60THA Datasheet
79Kb / 1P
   400 Watts ATX12V 2.0 Switching Power Supply
More results

Similar Description - FSP400-60THN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP400-60THA SPI-FSP400-60THA Datasheet
79Kb / 1P
   400 Watts ATX12V 2.0 Switching Power Supply
FSP400-60GN SPI-FSP400-60GN Datasheet
75Kb / 1P
   400 Watts ATX12V Switching Power Supply
SPI400PFB2 SPI-SPI400PFB2 Datasheet
308Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP400-60PFN SPI-FSP400-60PFN Datasheet
77Kb / 1P
   400 Watts ATX12V Switching Power Supply
SPI400W7BB SPI-SPI400W7BB Datasheet
51Kb / 1P
   400 Watts ATX12V, 2U Switching Power Supply
ATX-400PA SPI-ATX-400PA Datasheet
419Kb / 2P
   400 Watts ATX12V-2.2 Switching Power Supply
ATX-400PN SPI-ATX-400PN Datasheet
78Kb / 1P
   400 Watts ATX12V 2.01 Switching Power Supply
FSP400-60GLC SPI-FSP400-60GLC Datasheet
310Kb / 2P
   400 Watts ATX12V-2.01, Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
FSP250-60THA SPI-FSP250-60THA Datasheet
76Kb / 1P
   250 Watts ATX12V 2.0 Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com