Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI350ACA8 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI350ACA8
Description  350 Watts, ATX Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI350ACA8 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI350ACA8 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 5.0A @ 115Vac, 2.5A @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +25°C; storage &
shipping: -40°C ~ +70°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 82% minimum.
Rise time: Less than 20ms
Hold-up Time: 16ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm /5.5x5.9x3.4 inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
12.52A
21A
± 5%
50mV P-P
+5V
0.3A
8.94A
15A
± 5%
50mV P-P
+12V1
0.5A
10.44A
16A
± 5%
120mV P-P
+12V2
0.5A
10.44A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.3A
± 10%
200mV P-P
+5Vsb
0.0A
2.09A
2.5A
± 5%
50mV P-P
* +3.3V and +5V total output not exceed 103W
* When +5V is load to 15A, the +3.3V maximum load is 8.48A, when +3.3V is load to 21A, the +5V maximum load is 6.74A
* +12V1 &+12V2 total output not exceed 300W
SPI350ACA8
(80 PLUS, RoHS Compliant)
350 Watts, ATX Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL/CUL 60950-1,EN60950-1(CB Report) CE
,FCC,EMC report


Similar Part No. - SPI350ACA8

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI350ACAG SPI-SPI350ACAG Datasheet
768Kb / 2P
   350 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
More results

Similar Description - SPI350ACA8

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP350-60GHN SPI-FSP350-60GHN Datasheet
256Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-70LQ SPI-FSP350-70LQ Datasheet
37Kb / 1P
   350 Watts Flex ATX Switching Power Supply
FSP350-60GHC SPI-FSP350-60GHC Datasheet
260Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-701US SPI-FSP350-701US Datasheet
259Kb / 1P
   350 Watts ATX 12V, 1U Swiching Power Supply
FSP200-60MD SPI-FSP200-60MD Datasheet
74Kb / 1P
   200 Watts ATX Switching Power Supply
FSP300-60MD SPI-FSP300-60MD Datasheet
141Kb / 1P
   300 Watts ATX Switching Power Supply
FSP500-60EPN SPI-FSP500-60EPN Datasheet
661Kb / 1P
   500 Watts, ATX Switching Power Supply
FSP400-60EPN SPI-FSP400-60EPN Datasheet
663Kb / 1P
   400 Watts, ATX Switching Power Supply
FSP350-60BT SPI-FSP350-60BT Datasheet
141Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-60PN SPI-FSP350-60PN Datasheet
76Kb / 1P
   350 Watts ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com