Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-23C-R6GHBHC-A01-2C Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 12-23C-R6GHBHC-A01-2C
Description  Full Color Chip LED (Chip LED with Right Angle Lens)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-23C-R6GHBHC-A01-2C Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 12-23C-R6GHBHC-A01-2C_08 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2008-09-20 00:15:54.0
EVERLIGHT ELECTRONICS CO.,LTD.
12-23C/R6GHBHC-A01/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 11 of 12
Device No. : DSE-123-009
Prepared date:09-Jul-2008
Prepared by :Yuan Shaoxiang
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 12-23C-R6GHBHC-A01-2C_08

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_11 Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
More results

Similar Description - 12-23C-R6GHBHC-A01-2C_08

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C Datasheet
220Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C_11 Datasheet
224Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23-R6GHBHC-A01-2C EVERLIGHT-22-23-R6GHBHC-A01-2C Datasheet
247Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C EVERLIGHT-12-23C Datasheet
215Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23C-S2GHBHC-A01-2C EVERLIGHT-12-23C-S2GHBHC-A01-2C_04 Datasheet
220Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
12-23A-R6GHBHC-A01-2D EVERLIGHT-12-23A-R6GHBHC-A01-2D Datasheet
248Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
HK TO-GRACE TECHNOLOGY ...
12-23C-S2GHBHC-A01-2C TO-GRACE-12-23C-S2GHBHC-A01-2C Datasheet
988Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
Everlight Electronics C...
12-23C-R6GHBHC-A01-2C EVERLIGHT-12-23C-R6GHBHC-A01-2C Datasheet
226Kb / 12P
   Full Color Chip LED (Chip LED with Right Angle Lens)
22-23C-R6GHBHW-C01-2C EVERLIGHT-22-23C-R6GHBHW-C01-2C Datasheet
237Kb / 13P
   Full Color Chip LED (Chip LED with Right Angle Lens)
logo
TAITRON Components Inco...
TFPR-QTB1FA2714 TAITRON-TFPR-QTB1FA2714 Datasheet
394Kb / 11P
   Full Color Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com