Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM-9-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM-9-BD
Description  GaAs MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM-9-BD Datasheet(HTML) 1 Page - Mimix Broadband

  CMM-9-BD Datasheet HTML 1Page - Mimix Broadband CMM-9-BD Datasheet HTML 2Page - Mimix Broadband CMM-9-BD Datasheet HTML 3Page - Mimix Broadband CMM-9-BD Datasheet HTML 4Page - Mimix Broadband CMM-9-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.0-9.0 GHz
GaAs MMIC Amplifier
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM-9-BD
February 2008 - Rev 03-Feb-08
Features
Chip Diagram
Wide Bandwidth
13 dB Typical Gain
Small Size: 39x35 mils
Directly Cascadable
Self-Biased
Single Power Supply
General Description
Mimix Broadband's CMM-9 is a 2 to 9 GHz GaAs MMIC
amplifier. It is a two-stage feedback design which provides
high gain and good power from a single power supply.
Applications include oscillator buffers, RF and IF gain blocks
and driver amplifiers.
The CMM-9 is a very small chip which provides 13 dB of gain
and 17 dBm of power from a 6 volt supply. The chip is
directly cascadable with no additional components. The
circuit’s self-biasing feature provides excellent performance
from a 5 to 7 volt supply. Care must be taken to isolate the
input from the external DC voltages.
Mimix MMICs are fabricated on ion-implanted GaAs material
with gold-based metalization. The FET gates are sub-half
micron, tee cross-section construction. Air bridges are used
for top level interconnection. Silicon nitride serves as
capacitor dielectric and surface passivation. Mesa resistors
are used for feedback and bias function.
The CMM-9 is available in chip form. It can be screened to
meet commercial, military Hi-Rel or space grade reliability
requirements. Custom wafer qualification for special
electrical and/or reliability requirements is also available.
Voltage
Continuous Power Dissipation
Channel Temperature
Storage Temperature
Mounting Temperature
Input Power
JC
8V
1.25 W
+175 ºC
-65 to +175 ºC
+320 ºC
+20 dBm
80 ºC/W
Absolute Maximum Ratings


Similar Part No. - CMM-9-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM-9 MIMIX-CMM-9 Datasheet
462Kb / 4P
   2.0-9.0 GHz GaAs MMIC Amplifier
More results

Similar Description - CMM-9-BD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com