Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM0015-BD Datasheet(PDF) 9 Page - Mimix Broadband

Part # CMM0015-BD
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0015-BD Datasheet(HTML) 9 Page - Mimix Broadband

Back Button CMM0015-BD_09 Datasheet HTML 2Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 3Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 4Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 5Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 6Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 7Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 8Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 9Page - Mimix Broadband CMM0015-BD_09 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CMM0015-BD Vd=12.0 V, Id=350 mA
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
CMM0015-BD Vd=12.0 V, Id=350 mA
1.00E-01
1.00E+00
1.00E+01
1.00E+02
1.00E+03
55
65
75
85
95
105
115
125
Baseplate Temperature (deg C)
CMM0015-BD Vd=12.0 V, Id=350 mA
130
140
150
160
170
180
190
200
210
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
Page 9 of 10
2.0-22.0 GHz GaAs MMIC
Power Amplifier
CMM0015-BD
MTTF Graphs
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 22-Sep-09
These numbers were calculated based upon accelerated life test information received from the fabricating foundry and extensive thermal modeling/
finite element analysis done at Mimix Broadband. The values shown here are only to be used as a guideline against the end application requirements
and only represent reliability information under one bias condition. Ultimately bias conditions and resulting power dissipation along with the
practical aspects, i.e. thermal material stack-up, attach method of die placement are the key parts in determining overall reliability for a specific
application, see previous pages. If the data shown below does not meet your reliability requirements or if the bias conditions are not within your
operating limits please contact technical sales for additional information.


Similar Part No. - CMM0015-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD-000V MIMIX-CMM0015-BD-000V Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - CMM0015-BD_09

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com