Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1100-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM1100-BD
Description  2.0-18.0 GHz GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1100-BD Datasheet(HTML) 1 Page - Mimix Broadband

  CMM1100-BD_10 Datasheet HTML 1Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 2Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 3Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 4Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 5Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 6Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 7Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 8Page - Mimix Broadband CMM1100-BD_10 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
Page 1 of 9
Features
Self Bias Architecture
17.0 dB Small Signal Gain
3.5 dB Noise Figure
+16.0 dBm P1dB Compression Point
100% Commercial-Level Visual Inspection Using
Mil-Std-883 Method 2010
General Description
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
dBm
VDC
mA
Min.
2.0
6.0
8.0
14.0
-
-
-
+13.0
-
-
-
90
Typ.
-
9.0
17.0
17.0
+/-0.5
40.0
3.5
+16.0
+33.0
+26.0
+5.0
100
Max.
18.0
-
-
-
-
-
5.0
-
-
-
+7.0
120
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+8.0 VDC
180 mA
+10 dBm
-65 to +165 ºC
-55 to +85 ºC
+175 ºC
Chip Device Layout
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mimix Broadband’s two stage 2.0-18.0 GHz GaAs MMIC
low noise amplifier has a small signal gain of 17.0 dB
with a noise figure of 3.5 dB across the band.This MMIC
uses Mimix Broadband’s GaAs PHEMT device model
technology, and is based upon optical lithography to
ensure high repeatability and uniformity.The chip has
surface passivation to protect and provide a rugged
part with backside via holes and gold metallization to
allow either a conductive epoxy or eutectic solder die
attach process.This device is well suited for fiber optic,
microwave radio, military, space, telecom infrastructure,
test instrumentation and VSAT applications.
Electrical Characteristics (AmbientTemperature T = 25 oC)
Absolute Maximum Ratings
Frequency Range (f)
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Noise Figure (NF)
Output Power for 1 dB Compression (P1dB)
Output Second Order Intercept Point (OIP2)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd1,2)
Supply Current (Id) (Vd1,2=5.0V)
CMM1100-BD
February 2010 - Rev-05-Feb-10
100% on-wafer DC testing and 100% RF wafer qualification.Wafer qualification includes sample testing from each quadrant
with an 80% pass rate required.


Similar Part No. - CMM1100-BD_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100-BD-000V MIMIX-CMM1100-BD-000V Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD-000X MIMIX-CMM1100-BD-000X Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM1100-BD_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
   2.0-18.0 GHz GaAs MMIC
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com