Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1028 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # AN-1028
Description  Maximum Power Enhancement Techniques for SOT-223 Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-1028 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button AN-1028 Datasheet HTML 4Page - Fairchild Semiconductor AN-1028 Datasheet HTML 5Page - Fairchild Semiconductor AN-1028 Datasheet HTML 6Page - Fairchild Semiconductor AN-1028 Datasheet HTML 7Page - Fairchild Semiconductor AN-1028 Datasheet HTML 8Page - Fairchild Semiconductor AN-1028 Datasheet HTML 9Page - Fairchild Semiconductor AN-1028 Datasheet HTML 10Page - Fairchild Semiconductor AN-1028 Datasheet HTML 11Page - Fairchild Semiconductor AN-1028 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
where the case of a Power MOSFET is defined at the point of contact between the drain lead(s)
and the mounting pad surface. R
θJC can be controlled and measured by the component manufac-
turer independent of the application and mounting method and is therefore the best means of
comparing various suppliers component specifications for thermal performance. On the other hand,
it is difficult to quantify R
θCA due to heavy dependence on the application. Before using the data
sheet thermal data, the user should always be aware of the test conditions and justify the compat-
ibility in the application.
Appendix B
Thermal Measurement
Prior to any thermal measurement, a K factor must be determined. It is a linear factor related to
the change of intrinsic diode voltage with respect to the change of junction temperature. From the
slope of the curve shown in figure 6, K factor can be determined. It is approximately 2.2mV/oC for
most Power MOSFET devices.
Figure 6. K factors, slopes of a V
SD vs temperature curves, of a typical Power MOSFET
After the K factor calibration, the drain-source diode voltage of the device is measured prior to any
heating. A pulse is then applied to the device and the drain-source diode voltage is measured
30us following the end of the power pulse. From the change of the drain-source diode voltage, the
K factor, input power, and the reference temperature, the time dependent single pulsed junction-to-
reference thermal resistance can be calculated. From the single pulse curve on figure 7, duty
cycle curves can be determined. Note: a curve set in which R
θJA is specified indicates that the part
was characterized using the ambient as the thermal reference. The board layout specified in the
data sheet notes will help determine the applicability of the curve set.
NDS9956 V
vs Temperature
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
Temperature (°C)
5mA
2mA
1mA
10mA
I
= 20mA
SD
1mA = 2.39 mV/°C
2mA = 2.33
5mA = 2.25
10mA = 2.19
20mA = 2.13
V
= 0V
GS
SD


Similar Part No. - AN-1028

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1028 CYMBET-AN-1028 Datasheet
349Kb / 3P
   Ultra Low Power MSP430 Backup Using the EnerChip??CC
More results

Similar Description - AN-1028

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-1025 FAIRCHILD-AN-1025 Datasheet
256Kb / 11P
   Maximum Power Enhancement Techniques for SuperSOTTM-3 Power MOSFETs
AN-1026 FAIRCHILD-AN-1026 Datasheet
223Kb / 12P
   Maximum Power Enhancement Techniques for SuperSOTTM-6 Power MOSFETs
AN-1029 FAIRCHILD-AN-1029 Datasheet
258Kb / 13P
   Maximum Power Enhancement Techniques for SO-8 Power MOSFETs
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Diodes Incorporated
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
ON Semiconductor
NTF3055-160 ONSEMI-NTF3055-160 Datasheet
55Kb / 8P
   Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
July, 2001 ??Rev. 0
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com